Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRN
Description  6mm Square Low-profile Double Action (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Radial
Type
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
279
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
0.6
0.4
6.4
4
0.6
0.4
6
Guide bosses
6
5
4
3
2
1
ø1 Recommended
activation
area
by set knob
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Variety
Product No.
Operating
direction
Product Line
Vertical
1st 0.78N
2nd 2.45N
1st 0.78N
2nd 1.57N
1st 0.59N
2nd 1.57N
SKRNPAE010
1st
0.25
All 0.4
50mA
12V DC
Rating
(min.)
10
BA
1V DC
30,000cycles
100,000cycles
100m
Ω
max.
Without
guide bosses
SKRNPBE010
With guide
bosses
SKRNPCE010
SKRNPDE010
SKRNPEE010
SKRNPME010
Without
guide bosses
With guide
bosses
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Dimensions
Unit:mm
Style
ø0.75
hole
0.6
7
4.8
1
ø0.95
hole
Ground terminal land
Ground terminal land
Switch circuit
configuration
〔1st action〕〔2nd action〕
12
3
5
6
4
12
3
5
6
4
12
3
5
6
4
Circuit Arrangement
Refer to P.306 for soldering conditions.
6mm Square Low-profile Double Action (Surface Mount Type)
SKRN Series
0.9mm low-profile switch with double action.
TACT Switch
TM
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
1. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
2. For
φ330mm diameter reel requirements, please
contact us.
Note
5,000
Minimum order unit
(pcs.)
5,000
50,000
50,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKRN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
SKRNPAE010 ALPS-SKRNPAE010 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPBE010 ALPS-SKRNPBE010 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPCE010 ALPS-SKRNPCE010 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPDE010 ALPS-SKRNPDE010 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
More results

Similar Description - SKRN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKSD ALPS-SKSD Datasheet
192Kb / 3P
   4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
SKSK ALPS-SKSK Datasheet
781Kb / 3P
   0.6mm Low-profile double action type
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
   0.6mm low-profile, double action type
SKQG ALPS-SKQG Datasheet
241Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
   5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com