Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEC
Description  2.5mm-travel Vertical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPEC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
101
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2.5mm-travel Vertical Type
SPEC Series
2
PC board
Latching
SPEC121100
SPEC121300
Poles
Rating
Non shorting
Changeover
timing
Mounting
method
Operation
Product No.
Product Line
2.5
Travel
(mm)
3.4
Total travel
(mm)
Straight
Snap-in
Terminal
type
2.000
Minimum order
unit
(pcs.)
Refer to P.107 for knobs.
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
Notes
Vertical type, widely applicable to home and industrial electronic equipment.
Push Switch
Operating life
0.1A 30V DC/50
BA 3V DC
2
±1N
30m
Ω max./50mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
10,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
PC board mounting hole dimensions
(Viewed from the direction A)
4
H3.3
H2.5
(1.8)
Actuator Configuration
at Front Edge
Straight terminal
Snap-in terminal
Dimensions
Unit:mm
Unit:mm
Style
1
2
3
4
5
6
Circuit Diagram
Viewed from Direction A
8.8
5
0.35
0.35
R1
3.9
5
8.8
Straight terminal
Snap-in terminal
Terminal
Configuration
Unit:mm
ø1 hole
5
ø1 hole
4.1±0.05
(5)
Thickness of PC board t=1.6mm
12
0.35
5
8.8
PC board mounting face
Terminal No.1
Knob face
10
3.75
Travel
Total travel
0.6
2.5
2.5
A


Similar Part No. - SPEC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPEC-XRCGE32M000FBA1AR0 MURATA1-SPEC-XRCGE32M000FBA1AR0 Datasheet
612Kb / 19P
   Crystal Units/MEMS Resonators
October 31, 2023
More results

Similar Description - SPEC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
   2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
   1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com