Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C5514AZCH12 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMX320C5514AZCH12
Description  TMS320C5514 Fixed-Point Digital Signal Processor
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C5514AZCH12 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMX320C5514AZCH12 Datasheet HTML 3Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 4Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 5Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 6Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 7Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 8Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 9Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 10Page - Texas Instruments TMX320C5514AZCH12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
TMS320C5514
www.ti.com
SPRS646 – JANUARY 2010
Table 2-1. Characteristics of the C5514 Processor (continued)
HARDWARE FEATURES
C5514
Standby (Master Clock Disabled) @ Room
0.26 mW @ 1.05 V
Temp 25°C (DARAM and SARAM in Active
0.44 mW @ 1.3 V
Mode)
Standby (Master Clock Disabled) @ Room
0.23 mW @ 1.05 V
Temp 25°C (DARAM in Retention and
0.40 mW @ 1.3 V
SARAM in Active Mode)
Standby (Master Clock Disabled) @ Room
0.15 mW @ 1.05 V
Temp 25°C (DARAM in Active Mode and
0.28 mW @ 1.3 V
SARAM in Retention)
PLL Options
Software Programmable Multiplier
x4 to x4099 multiplier
BGA Package
10 x 10 mm
196-Pin BGA (ZCH)
Process Technology
mm
0.09 mm
Product Preview (PP),
Product Status (2)
Advance Information (AI),
PP
or Production Data (PD)
(2)
PRODUCT PREVIEW information concerns experimental products (designated as TMX) that are in the formative or design phase of
development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320C5514


Similar Part No. - TMX320C5514AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C5514AZCH12 TI-TMX320C5514AZCH12 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
More results

Similar Description - TMX320C5514AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514_1 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com