Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92010DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92010DR
Description  8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92010DR Datasheet(HTML) 1 Page - Texas Instruments

  TPS92010DR Datasheet HTML 1Page - Texas Instruments TPS92010DR Datasheet HTML 2Page - Texas Instruments TPS92010DR Datasheet HTML 3Page - Texas Instruments TPS92010DR Datasheet HTML 4Page - Texas Instruments TPS92010DR Datasheet HTML 5Page - Texas Instruments TPS92010DR Datasheet HTML 6Page - Texas Instruments TPS92010DR Datasheet HTML 7Page - Texas Instruments TPS92010DR Datasheet HTML 8Page - Texas Instruments TPS92010DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2
4
8
6
LPM
VDD
FB
GND
TPS92010
Primary
Secondary
Feedback
+
5
GD
7
VSD
1
SS
3
PCS
TL431
UDG-09220
TPS92010
www.ti.com
SLUSA14 – DECEMBER 2009
8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
Check for Samples: TPS92010
1
FEATURES
.
2
LED Lighting Current Driver Controller with
APPLICATIONS
Energy Saving Features
Residential LED Lighting Drivers for A19
Quasi-Resonant Mode Operation for Reduced
E12/E26/27, GU10, MR16, PAR30/38 Integral
EMI and Low Switching Losses (Low Voltage
Lamps
Switching)
Drivers for Wall Sconces, Pathway Lighting
Low Standby Current for Deep Dimming
and Overhead Lighting
Efficiency Power Consumption
Drivers for Wall Washing, Architectural and
Low Startup Current: 25
μA Maximum
Display Lighting
Programmable Line and Load Overvoltage
Protection
DESCRIPTION
Provides Open LED Protection
The TPS92010 is a PWM controller with advanced
energy features to provide high efficiency driving for
Internal Overtemperature Protection
LED lighting applications.
Current Limit Protection
The TPS92010 incorporates frequency fold back and
Cycle-by-Cycle Power Limit
low power mode operation to reduce the operation
Primary-Side Overcurrent Hiccup Restart
frequency at light load and no load operations.
Mode
The TPS92010 is offered in the 8-pin SOIC (D)
1-A Sink TrueDrive™, –0.75-A Source Gate
package. Operating junction temperature range is
Drive Output
–40°C to 105°C.
Programmable Soft-Start
.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TrueDrive is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS92010DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001D TI-TPS92001D Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGK TI-TPS92001DGK Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGKR TI-TPS92001DGKR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DR TI-TPS92001DR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
More results

Similar Description - TPS92010DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
STMicroelectronics
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
   Offline controller for LED lighting with constant voltage primarysensing and high power factor
May 2016 Rev 2
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
logo
Wurth Elektronik GmbH &...
750811116 WURTH-750811116 Datasheet
330Kb / 1P
   Surface Mount Offline Transformer for LED Lighting
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com