Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92010DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92010DR
Description  8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92010DR Datasheet(HTML) 3 Page - Texas Instruments

  TPS92010DR Datasheet HTML 1Page - Texas Instruments TPS92010DR Datasheet HTML 2Page - Texas Instruments TPS92010DR Datasheet HTML 3Page - Texas Instruments TPS92010DR Datasheet HTML 4Page - Texas Instruments TPS92010DR Datasheet HTML 5Page - Texas Instruments TPS92010DR Datasheet HTML 6Page - Texas Instruments TPS92010DR Datasheet HTML 7Page - Texas Instruments TPS92010DR Datasheet HTML 8Page - Texas Instruments TPS92010DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS92010
www.ti.com
SLUSA14 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
VDD = 15 V, 0.1-
μF capacitor from VDD to GND, 3.3-nF capacitor from SS to GND charged over 3.5 V, 500-Ω resistor from
VSD to -0.1 V, FB = 4.8 V, LPM = not connected, 1-nF capacitor from GD to GND, PCS = GND, TA = –40°C to 105°C,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
ISTARTUP
Startup current
VDD = VUVLO –0.3 V
12
25
μA
ILPM
Standby current
VFB = 0 V
350
550
Not switching
2.5
3.5
IDD
Operating current
mA
130 kHz, QR mode
5.0
7.0
VDD clamp
FB = GND, IDD = 10 mA
21
26
27
V
UNDERVOLTAGE LOCKOUT
VDD(uvlo)
Startup threshold
10.3
13.0
15.3
Stop threshold
6.3
8
9.3
V
ΔVDD(uvlo)
Hysteresis
4.0
5.0
6.0
PWM (Ramp)(1)
DMIN
Minimum duty cycle
VSS = GND, VFB = 2 V
0%
DMAX
Maximum duty cycle
QR mode, fS = max, (open loop)
99%
OSCILLATOR (OSC)
fQR(max)
Maximum QR and DCM frequency
117
130
143
fQR(min)
Minimum QR and FFM frequency
VFB = 1.3 V
32
40
48
kHz
fSS
Soft start frequency
VSS = 2.0 V
32
40
48
dTS/dFB
VCO gain
TS for 1.6 V < VFB < 1.8 V
–38
–30
–22
μs/V
FEEDBACK (FB)
RFB
Feedback pullup resistor
12
20
28
k
VFB
FB, no load
QR mode
3.30
4.87
6.00
Low power mode ON threshold
VFB threshold
0.3
0.5
0.7
Low power mode OFF threshold
VFB threshold
1.2
1.4
1.6
V
Low power mode hysteresis
VFB threshold
0.9
Burst hysteresis
VFB during low power mode
0.13
0.25
0.42
LOW POWER MODE
RDS(on)
LPM on resistance
VLPM = 1 V
1.0
2.4
3.8
k
ILPM(leakage)
LPM leakage/off current
VFB = 0.44 V, VSTATUS = 15 V
–0.1
2.0
μA
PEAK CURRENT SENSE (PCS)(1)
APCS(FB)
Gain, FB =
ΔVFB / ΔVPCS
QR mode
2.5
V/V
Shutdown threshold
VFB = 2.4 V, VSS = 0 V
1.13
1.25
1.38
V
PCS to output delay time (power limit)
PCS = 1.0 VPULSE
175
300
ns
PCS to output delay time (over current
PCS = 1.45 VPULSE
100
150
fault)
PCS discharge impedance
PCS = 0.1 V, VSS = 0 V
25
115
250
VPCS(os)
PCS offset
SS mode, VSS ≤ 2.0 V, via FB
0.35
0.40
0.45
V
(1)
RPCST and CPCST are not connected in the circuit for maximum and minimum duty cycle tests, current sense tests and power limit tests.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS92010


Similar Part No. - TPS92010DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001D TI-TPS92001D Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGK TI-TPS92001DGK Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGKR TI-TPS92001DGKR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DR TI-TPS92001DR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
More results

Similar Description - TPS92010DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
STMicroelectronics
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
   Offline controller for LED lighting with constant voltage primarysensing and high power factor
May 2016 Rev 2
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
logo
Wurth Elektronik GmbH &...
750811116 WURTH-750811116 Datasheet
330Kb / 1P
   Surface Mount Offline Transformer for LED Lighting
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com