Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65072RSL Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65072RSL
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65072RSL Datasheet(HTML) 4 Page - Texas Instruments

  TPS65072RSL Datasheet HTML 1Page - Texas Instruments TPS65072RSL Datasheet HTML 2Page - Texas Instruments TPS65072RSL Datasheet HTML 3Page - Texas Instruments TPS65072RSL Datasheet HTML 4Page - Texas Instruments TPS65072RSL Datasheet HTML 5Page - Texas Instruments TPS65072RSL Datasheet HTML 6Page - Texas Instruments TPS65072RSL Datasheet HTML 7Page - Texas Instruments TPS65072RSL Datasheet HTML 8Page - Texas Instruments TPS65072RSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
VSYS = 3.6V, EN_DCDCx = VSYS, L = 2.2
μH, COUT = 10μF, TA = –40°C to 85°C typical values are at TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VINDCDC Input voltage range for DCDC converters
2.8
6.3
V
Only DCDC2, DCDC3 and LDO1 enabled, device in
140
ON-mode; DCDC converters in PFM
Per DC/DC converter, PFM mode
19
30
μA
Operating quiescent current
Per DC/DC converter, PWM mode
2.5
IQ
Total current into VSYS, VINDCDCx, VINLDO1/2
For LDO1 or LDO2 (either one enabled)
20
35
For LDO1 and LDO2 (both enabled)
34
For wLED converter
1.5
mA
All converters, LDOs, wLED driver and ADC disabled, no
ISD
Shutdown current
input voltage at AC and USB;
8
12
μA
SYS voltage turned off
–2%
2.8
2%
Voltage at the output of the power manager detected at pin
3.0
VUVLO
Undervoltage lockout threshold
SYS; falling voltage, voltage defined with <UVLO0>,
V
3.1
<UVLO1> DEFAULT: 3.0V
3.25
360
Rising voltage defined with <UVLO hysteresis>; DEFAULT:
Undervoltage lockout hysteresis
mV
500mV
450
Undervoltage lockout deglitch time
Due to internal delay
4
ms
Thermal shutdown for DCDC converters, wLED
TSD
Increasing junction temperature
150
°C
driver and LDOs
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
EN_DCDC1, EN_DCDC2, EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT, SCLK, EN_wLED (optional)
High Level Input Voltage, EN_DCDC1,
VIH
EN_DCDC2, EN_DCDC3, DEFDCDC2,
1.2
VSYS
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Low Level Input Voltage, EN_DCDC1,
VIL
EN_DCDC2, EN_DCDC3, DEFDCDC2,
0
0.4
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Input bias current, EN_DCDC1, EN_DCDC2,
IIN
EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT,
0.01
1.0
μA
SCLK
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65072RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65072RSL TI-TPS65072RSL Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65072RSL TI-TPS65072RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65072RSLR TI-TPS65072RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65072RSLR TI1-TPS65072RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65072RSLT TI-TPS65072RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65072RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com