Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBM149501 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBM149501
Description  6-position Horizontal Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBM149501 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBM149501 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBM149501 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBM149501 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBM149501 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRBM149501 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SRBM149501 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rotary
Encoders
Power
Dual-in-line
Package Type
162
Detector
Push
Slide
Custom-
Products
TACT Switch
TM
Product Line
1
2
1
2
3
4
5
6
20
pulses
Non
shorting
30
±3°
18
±3°
L=15
1
2
L=20
L=15
L=20
L=15
SRBM120700
SRBM121300
SRBM131300
SRBM131400
SRBM140700
SRBM140800
SRBM149501
SRBM150500
SRBM154002
SRBM160700
SRBM1L0800
SRBM1L1400
Number
of wafers
Positions
Changeover
angle
Poles
Changeover
timing
18-tooth
serration
Flat
18-tooth
serration
Flat
18-tooth
serration
Flat
18-tooth
serration
Flat
Actuator
configuration
Actuator
length
(mm)
1,200
1,600
1,200
1,600
1,200
1,600
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. All the axis are die casting shafts.
3. Please place purchase orders per minimum order unit(integer).
Notes
Refer to P.171 for shaft configurations.
Refer to
P.173 for attached parts.
Typical Specifications
Items
Rating
(max.)
/
(min.)
(Resistive load)
0.1A 16V DC/50
BA 3V DC
50m
Ω max./150mΩ max.
10,000cycles
30,000cycles
10,000cycles
(0.1A 16V DC)
Contact resistance
(Initial/After operating life)
40
±20 mN・m15±7 mN・m
Rotational torque
Operating life
Without load
With load
Rotary switch
Specifications
Pulse switch
Pulse switching (20 pulses) model available in same figure.
6-position Horizontal Type
SRBM Series
Rotary Switch


Similar Part No. - SRBM149501

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM149501 ALPS-SRBM149501 Datasheet
1,006Kb / 5P
   6-position Horizontal Type
More results

Similar Description - SRBM149501

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM ALPS-SRBM_15 Datasheet
1,006Kb / 5P
   6-position Horizontal Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
   6-position Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
   6-position Vertical Type
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
   FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
Bel Fuse Inc.
937-SP-3066-OST BEL-937-SP-3066-OST Datasheet
177Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-OST BEL-937-SP-3066R-OST Datasheet
148Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R BEL-937-SP-3066R Datasheet
182Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-SL BEL-937-SP-3066R-SL Datasheet
175Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066 BEL-937-SP-3066 Datasheet
171Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066-OB BEL-937-SP-3066-OB Datasheet
173Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com