Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9269BCPZRL7-20 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9269BCPZRL7-20
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9269BCPZRL7-20 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9269BCPZRL7-20 Datasheet HTML 7Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 8Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 9Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 10Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 11Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 12Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 13Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 14Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9269
Rev. 0 | Page 11 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
D0B (LSB)
D1B
D2B
D3B
D4B
D5B
DRVDD
D6B
D7B
D8B
D9B
D10B
D11B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D15A (MSB)
D14A
D13A
D12A
D11A
DRVDD
D10A
D9A
D8A
D7A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9269
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB ANALOG GROUND
TO ENSURE PROPER HEAT DISSIPATION, NOISE, AND MECHANICAL
STRENGTH BENEFITS.
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0, EP
AGND
The exposed paddle is the only ground connection. It must be soldered to the PCB analog ground to
ensure proper functionality and heat dissipation, noise, and mechanical strength benefits.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3
SYNC
Digital Input. SYNC input to clock divider. 30 kΩ internal pull-down.
4 to 9, 11 to
18, 20, 21
D0B (LSB) to
D15B (MSB)
Channel B Digital Outputs. D0B is the LSB; D15B is the MSB.
10, 19, 28, 37
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
22
ORB
Channel B Out-of-Range Digital Output.
23
DCOB
Channel B Data Clock Digital Output.
24
DCOA
Channel A Data Clock Digital Output.
25 to 27, 29 to
36, 38 to 42
D0A (LSB) to
D15A (MSB)
Channel A Digital Outputs. D0A is the LSB; D15A is the MSB.
43
ORA
Channel A Out-of-Range Digital Output.
44
SDIO/DCS
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O in SPI mode. 30 kΩ internal pull-down in SPI mode.
Duty Cycle Stabilizer (DCS). Static enable input for duty cycle stabilizer in non-SPI mode. 30 kΩ internal
pull-up in non-SPI (DCS) mode.
45
SCLK/DFS
SPI Clock (SCLK). Input in SPI mode. 30 kΩ internal pull-down.
Data Format Select (DFS). Static control of data output format in non-SPI mode. 30 kΩ internal pull-down.
DFS high: twos complement output.
DFS low: offset binary output.
46
CSB
SPI Chip Select. Active low enable; 30 kΩ internal pull-up.
47
OEB
Digital Input. 30 kΩ internal pull-down.
Low: enable Channel A and Channel B digital outputs.
High: three-state outputs.
48
PDWN
Digital Input. 30 kΩ internal pull-down.
High: power down device.
Low: run device, normal operation.


Similar Part No. - AD9269BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269BCPZRL7-20 AD-AD9269BCPZRL7-20 Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9269BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269 AD-AD9269_16 Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com