Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9269-40EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9269-40EBZ
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9269-40EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9269-40EBZ Datasheet HTML 2Page - Analog Devices AD9269-40EBZ Datasheet HTML 3Page - Analog Devices AD9269-40EBZ Datasheet HTML 4Page - Analog Devices AD9269-40EBZ Datasheet HTML 5Page - Analog Devices AD9269-40EBZ Datasheet HTML 6Page - Analog Devices AD9269-40EBZ Datasheet HTML 7Page - Analog Devices AD9269-40EBZ Datasheet HTML 8Page - Analog Devices AD9269-40EBZ Datasheet HTML 9Page - Analog Devices AD9269-40EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9269
Rev. 0 | Page 6 of 40
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, DCS disabled,
unless otherwise noted.
Table 2.
Parameter1
Temp
AD9269-20/AD9269-40
AD9269-65
AD9269-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
78.0
77.5
77.6
dBFS
fIN = 30.5 MHz
25°C
77.5
77.5
77.2
dBFS
Full
76.5
76.5
dBFS
fIN = 70 MHz
25°C
76.5
76.5
76.3
dBFS
Full
75.5
dBFS
fIN = 200 MHz
25°C
71.0
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
77.9
77.4
77.4
dBFS
fIN = 30.5 MHz
25°C
77.2
77.2
76.9
dBFS
Full
76.0
76.0
dBFS
fIN = 70 MHz
25°C
76.4
76.4
76.1
dBFS
Full
75.0
dBFS
fIN = 200 MHz
25°C
69.4
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.6
12.6
12.6
Bits
fIN = 30.5 MHz
25°C
12.5
12.5
12.5
Bits
fIN = 70 MHz
25°C
12.4
12.4
12.3
Bits
fIN = 200 MHz
25°C
11.2
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−95
−97
−93
dBc
fIN = 30.5 MHz
25°C
−90
−93
−92
dBc
Full
−80
−80
dBc
fIN = 70 MHz
25°C
−89
−97
−90
dBc
Full
−80
dBc
fIN = 200 MHz
25°C
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
95
95
93
dBc
fIN = 30.5 MHz
25°C
90
91
92
dBc
Full
80
80
dBc
fIN = 70 MHz
25°C
89
95
90
dBc
Full
80
dBc
fIN = 200 MHz
25°C
80
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−99
−89
−99
dBc
fIN = 30.5 MHz
25°C
−100
−100
−99
dBc
Full
−90
−91
dBc
fIN = 70 MHz
25°C
−99
−100
−97
dBc
Full
−89
dBc
fIN = 200 MHz
25°C
−86
dBc
TWO-TONE SFDR
fIN = 30.5 MHz (−7 dBFS), 32.5 MHz (−7 dBFS)
25°C
90
90
90
dBc
CROSSTALK2
Full
−110
−110
−110
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.


Similar Part No. - AD9269-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269-40EBZ AD-AD9269-40EBZ Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9269-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269 AD-AD9269_16 Datasheet
1Mb / 41P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com