Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1156-BSOU Datasheet(PDF) 10 Page - ams AG

Part # AS1156-BSOU
Description  Single/Dual LVDS Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156-BSOU Datasheet(HTML) 10 Page - ams AG

Back Button AS1156-BSOU Datasheet HTML 6Page - ams AG AS1156-BSOU Datasheet HTML 7Page - ams AG AS1156-BSOU Datasheet HTML 8Page - ams AG AS1156-BSOU Datasheet HTML 9Page - ams AG AS1156-BSOU Datasheet HTML 10Page - ams AG AS1156-BSOU Datasheet HTML 11Page - ams AG AS1156-BSOU Datasheet HTML 12Page - ams AG AS1156-BSOU Datasheet HTML 13Page - ams AG AS1156-BSOU Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 15
AS1156/AS1154
Data Sheet - A p p l i c a t i o n s
9 Applications
Figure 19. Typical Application Circuit
Power-Supply Bypassing
To bypass VCC, use high-frequency surface-mount ceramic 0.1µF and 0.001µF capacitors in parallel as close to the
device as possible, with the smaller valued capacitor closest to pin VCC.
Differential Traces
Input trace characteristics can adversely affect the performance of the AS1156/AS1154.
Use controlled-impedance PC board traces to match the cable characteristic impedance. The termination resistor is
also matched to this characteristic impedance.
Eliminate reflections and ensure that noise couples as common mode by running the differential traces near each
other.
Reduce skew by using matched trace lengths. Tight skew control is required to minimize emissions and proper data
recovery of the devices.
Route each channel’s differential signals very close to each other for optimal cancellation of their respective exter-
nal magnetic fields. Use a constant distance between the differential traces to avoid irregularities in differential
impedance.
Avoid 90° turns (use two 45° turns).
Minimize the number of vias to further prevent impedance irregularities.
Cables and Connectors
Supported transmission media include printed circuit board traces, backplanes, and cables.
Use cables and connectors with matched differential impedance (typically 100
Ω) to minimize impedance mis-
matches.
Balanced cables such as twisted pair offer superior signal quality and tend to generate less EMI due to magnetic
field canceling effects. Balanced cables pick up noise as common mode, which is rejected by the LVDS receiver.
Avoid the use of unbalanced cables such as ribbon cable or simple coaxial cable.
Table 5. Function Table
Input
Output
INx
OUTx+
OUTx-
LL
H
H
HL
0.8V < VINx < 2.0V
Undetermined
Undetermined
LVDS
Signals
107
Ω
LVTTL/LVCMOS
Data Inputs
LVTTL/LVCMOS
Data Outputs
100
Ω Shielded Twisted Cable or Microstrip PC Board Traces
Tx
Rx
AS1158
Single LVDS Receiver
AS1156
0.1µF
0.001µF
+3.3V
0.1µF
0.001µF
+3.3V


Similar Part No. - AS1156-BSOU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1156-BSOU AMSCO-AS1156-BSOU Datasheet
135Kb / 15P
   Single/Dual LVDS Driver
More results

Similar Description - AS1156-BSOU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1156 AMSCO-AS1156 Datasheet
135Kb / 15P
   Single/Dual LVDS Driver
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
   Dual LVDS Driver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
[Old version datasheet]   Automotive LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com