Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1301A-BWLT Datasheet(PDF) 11 Page - ams AG

Part # AS1301A-BWLT
Description  5V/50mA Low Noise Inductorless Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301A-BWLT Datasheet(HTML) 11 Page - ams AG

Back Button AS1301A-BWLT Datasheet HTML 7Page - ams AG AS1301A-BWLT Datasheet HTML 8Page - ams AG AS1301A-BWLT Datasheet HTML 9Page - ams AG AS1301A-BWLT Datasheet HTML 10Page - ams AG AS1301A-BWLT Datasheet HTML 11Page - ams AG AS1301A-BWLT Datasheet HTML 12Page - ams AG AS1301A-BWLT Datasheet HTML 13Page - ams AG AS1301A-BWLT Datasheet HTML 14Page - ams AG AS1301A-BWLT Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 16
AS1301
Data Sheet - Deta iled Description
Overload Protection
When the output voltage drops significantly below battery voltage due to a very high load the AS1301 enters into an
overload protection condition. In this condition the output is connected to the input via a current limiting connection.
Once the overload is removed, the device enters soft-start period and ramps up to the nominal output voltage.
Undervoltage Lockout, UVLO
The AS1301 is equipped with undervoltage lockout functionality. If the battery voltage drops below 2.7V (typ) the
device enters the undervoltage lockout condition. The device remains in this condition until the battery voltage is high
enough to enter the soft-start period. An internal hysteresis of 100mV will prevent ringing during startup. If the input
voltage climbs back to 2.8V (typ) after such a condition, the device turns-on automatically.
Shutdown Mode
The AS1301 enters low-power shutdown mode when EN is set to logic low. In shutdown the charge-pump action is
halted, the output is completely disconnected from the input and VOUT will drop to 0V. During shutdown the output is
set to a high-Z condition. So it can be forced higher voltage then the input, because the permanent monitoring of the
input- and output voltage will prevent an erroneous current form the output back to the input during shutdown.
Thermal Shutdown
The AS1301 offers thermal shutdown, which prevents eventual damage due to an over-temperature condition.
Thermal shutdown will be initiated if the junction temperature exceeds 145°C. If the temperature drops below this
value, the thermal shutdown will be released automatically and the device will resume operation.


Similar Part No. - AS1301A-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1301A-BWLT AMSCO-AS1301A-BWLT Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
More results

Similar Description - AS1301A-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
   5V/30mA Adaptive Inductorless Boost Converter
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
logo
Richtek Technology Corp...
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
   High Performance, Low Noise Boost Converter
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com