Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1333 Datasheet(PDF) 8 Page - ams AG

Part # AS1333
Description  650mA, Step Down DC/DC Converter for Portable Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1333 Datasheet(HTML) 8 Page - ams AG

Back Button AS1333 Datasheet HTML 4Page - ams AG AS1333 Datasheet HTML 5Page - ams AG AS1333 Datasheet HTML 6Page - ams AG AS1333 Datasheet HTML 7Page - ams AG AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG AS1333 Datasheet HTML 10Page - ams AG AS1333 Datasheet HTML 11Page - ams AG AS1333 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.austriamicrosystems.com
Revision 1.02
8 - 16
AS1333
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 19. RDSON (P-Chanel) vs. Temp.; ISW=200mA
Figure 20. RDSON (N-Chanel) vs. Temp.; ISW=-200mA
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperature (°C)
Vi n=2.7V
Vi n=3.6V
Vi n=5.5V
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperature (°C)
Vi n=2.7V
Vi n=3.6V
Vi n=5.5V
Figure 21. EN High Threshold vs. VIN
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
- 45°C
+25°C
+90°C


Similar Part No. - AS1333

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
More results

Similar Description - AS1333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com