Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1333 Datasheet(PDF) 9 Page - ams AG

Part # AS1333
Description  650mA, Step Down DC/DC Converter for Portable Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1333 Datasheet(HTML) 9 Page - ams AG

Back Button AS1333 Datasheet HTML 5Page - ams AG AS1333 Datasheet HTML 6Page - ams AG AS1333 Datasheet HTML 7Page - ams AG AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG AS1333 Datasheet HTML 10Page - ams AG AS1333 Datasheet HTML 11Page - ams AG AS1333 Datasheet HTML 12Page - ams AG AS1333 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 16
AS1333
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1333 is a simple, step-down DC-DC converter optimized for powering portable applications that require low
dropout voltages such as mobile phones, portable communicators, and similar battery powered RFIC devices. Besides
being packed with numerous features like current overload protection, thermal overload shutdown and soft start,
AS1333 displays the following characteristics:
!
Its operation is based on current-mode buck architecture with synchronous rectification for high efficiency.
!
Allows the application to operate at maximum efficiency over a wide range of power levels from a single Li-Ion bat-
tery cell.
!
Provides for a maximum load capability of 650mA in PWM mode, wherein the maximum load range may vary
depending on input voltage, output voltage and the selected inductor.
!
Is ranked at an efficiency of around 96% for a 400mA load with a 3.6V input and a fixed output voltage of 3.09V.
Figure 22. Functional Block Diagram
AS1333 is fabricated using a chip-scale 8-pin WL-CSP package, which requires special design considerations for
implementation. Its fine bumppitch requires careful board design and precision assembly equipment. This package
offers the smallest possible size, for space-critical applications such as cell phones, where board area is an important
design consideration. The size of the external components is reduced by using a high switching frequency (2MHz).
Figure 1 on page 1 demonstrates that only three external power components are required for implementation. The WL-
CSP package is appropriate for opaque case applications, where its edges are not subject to highintensity ambient red
or infrared light. Also, the system controller should set EN low during power-up and other low supply voltage
conditions. See Shutdown Mode on page 11.
Mosfet
Control
Logic
Shutdown
Control
Main Control
Soft Start
Oscillator
Current
Sense
PVIN
VDD
FB
NC
EN
SW
AGND
PGND
AS1333


Similar Part No. - AS1333

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
More results

Similar Description - AS1333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com