Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1344-BTDT Datasheet(PDF) 5 Page - ams AG

Part # AS1344-BTDT
Description  42V, DC-DC Boost Converter with adjustable Softstart
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344-BTDT Datasheet(HTML) 5 Page - ams AG

  AS1344-BTDT Datasheet HTML 1Page - ams AG AS1344-BTDT Datasheet HTML 2Page - ams AG AS1344-BTDT Datasheet HTML 3Page - ams AG AS1344-BTDT Datasheet HTML 4Page - ams AG AS1344-BTDT Datasheet HTML 5Page - ams AG AS1344-BTDT Datasheet HTML 6Page - ams AG AS1344-BTDT Datasheet HTML 7Page - ams AG AS1344-BTDT Datasheet HTML 8Page - ams AG AS1344-BTDT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
5 - 19
AS1344
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Parts used for measurments: 6.8µH (MOS6020-682) Inductor, 10µF (GRM21BR60J106KE19) CIN and 4.7µF
(GRM32ER71H475KA88) COUT, (PMEG4010BEA) D1;
Figure 3. Efficiency vs. Output Current; VOUT = 6V
Figure 4. Efficiency vs. Output Current; VOUT = 12V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.0V
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.0V
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
Figure 5. Efficiency vs. Output Current; VOUT = 18V
Figure 6. Efficiency vs. Output Current; VOUT = 24V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Output Current (mA)
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
Figure 7. Efficiency vs. Input Voltage; VOUT = 12V
Figure 8. Efficiency vs. Input Voltage; IOUT = 10mA
30
40
50
60
70
80
90
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Iout = 10mA
Iout = 50mA
Iout = 100mA
30
40
50
60
70
80
90
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Vout = 5.5V
Vout = 10V
Vout = 12V
Vout = 15V


Similar Part No. - AS1344-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1344-BTDT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1343 AMSCO-AS1343 Datasheet
1Mb / 17P
   42V, 1-2 Cells, Micropower, DC-DC Boost Converter
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
Maxim Integrated Produc...
MAX15462BEVKIT MAXIM-MAX15462BEVKIT Datasheet
786Kb / 8P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462C12EVKIT MAXIM-MAX15462C12EVKIT Datasheet
1Mb / 8P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com