Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1351 Datasheet(PDF) 5 Page - ams AG

Part # AS1351
Description  Programmable Dual LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1351 Datasheet(HTML) 5 Page - ams AG

  AS1351 Datasheet HTML 1Page - ams AG AS1351 Datasheet HTML 2Page - ams AG AS1351 Datasheet HTML 3Page - ams AG AS1351 Datasheet HTML 4Page - ams AG AS1351 Datasheet HTML 5Page - ams AG AS1351 Datasheet HTML 6Page - ams AG AS1351 Datasheet HTML 7Page - ams AG AS1351 Datasheet HTML 8Page - ams AG AS1351 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.austriamicrosystems.com
Revision 1.21
5 - 10
AS1351
Data Sheet - Ty pi c al Ap p l ic at i on
7 Typical Application
Figure 3. Typical AS1351_ux Application
One-Time Programming Procedure Output Voltages
The two LDOs can be programmed and burned to any output voltage between 1.8V and 3.3V in steps of 0.1V. Custom-
ers can burn the desired output voltages onsite using the austriamicrosystems programming board.
Furthermore, the AS1351 is available in pre-programmed versions with fixed output voltages (see Ordering Information
on page 9.)
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VPERI
VCORE
CMOS
Sensor
2.8V
2.5V
100nF (Improved Noise Performance)
Microprocessor
AS1351_A7
VOUT1
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT2
VDD
EN1
EN2
GND
GND
REF
3V


Similar Part No. - AS1351

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
   Programmable Dual LDO
More results

Similar Description - AS1351

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
   Programmable Dual LDO
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
   Programmable Triple LDO
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
   Programmable Triple LDO
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com