Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1352-C0CF-T Datasheet(PDF) 9 Page - ams AG

Part # AS1352-C0CF-T
Description  Programmable Quad LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352-C0CF-T Datasheet(HTML) 9 Page - ams AG

Back Button AS1352-C0CF-T Datasheet HTML 2Page - ams AG AS1352-C0CF-T Datasheet HTML 3Page - ams AG AS1352-C0CF-T Datasheet HTML 4Page - ams AG AS1352-C0CF-T Datasheet HTML 5Page - ams AG AS1352-C0CF-T Datasheet HTML 6Page - ams AG AS1352-C0CF-T Datasheet HTML 7Page - ams AG AS1352-C0CF-T Datasheet HTML 8Page - ams AG AS1352-C0CF-T Datasheet HTML 9Page - ams AG AS1352-C0CF-T Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
9 - 10
AS1352
Data Sheet - Or dering Informati on
9 Ordering Information
The AS1352 is available with preset LDO output voltages or customer-specific versions (with a minimum order quantity
of 30,000). Customer-specific devices are factory trimmed to the desired output voltage (see Table 5)
Table 4. Ordering Information
Model
LDO Values
Delivery Form
Package
AS1352-T
User-programmable LDO values.
1
1. The values are programmed via the AS1352 programming board.
Tape and Reel
12-pin QFN 4x4
AS1352V-T
2
2. Available upon request. Contact austriamicrosystems, AG for more information.
User-programmable LDO values.
1
Tape and Reel
16-pin QFN 3x3
AS1352-7BC0-T
Factory-trimmed LDO values: VOUT1 = 2.5V, VOUT2 = 2.9V,
VOUT3 = 3.0V, VOUT4 = 1.8V
Tape and Reel
12-pin QFN 4x4
AS1352-C0CF-T
Factory-trimmed LDO values: VOUT1 = 3.0V, VOUT2 = 1.8V,
VOUT3 = 3.0V, VOUT4 = 3.3V
Tape and Reel
12-pin QFN 4x4
AS1352-uxyz-T
3
3. Customer-specific values are as follows:
u = Customer-specific VOUT1 value suffix.
x = Customer-specific VOUT2 value suffix.
y = Customer-specific VOUT3 value suffix.
z = Customer-specific VOUT4 value suffix.
Customer-specific factory-trimmed LDO values.
Tape and Reel
12-pin QFN 4x4
AS1352V-uxyz-T
2, 3
Customer-specific factory-trimmed LDO values.
Tape and Reel
16-pin QFN 3x3
Table 5. Output Voltage Suffix Guide
Model
uxyz Suffix
Output Voltage
AS1352-uxyz
F3.3V
E3.2V
D3.1V
C3.0V
B2.9V
A2.8V
92.7V
82.6V
72.5V
62.4V
52.3V
42.2V
32.1V
22.0V
11.9V
01.8V


Similar Part No. - AS1352-C0CF-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
More results

Similar Description - AS1352-C0CF-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
   Programmable Dual LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
   Programmable Triple LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
   Programmable Triple LDO
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
   Programmable Dual LDO
logo
ELMOS Semiconductor AG
E522.51 ELMOS-E522.51 Datasheet
260Kb / 2P
   Dual Buck - Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
logo
National Semiconductor ...
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com