Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1371-BTDT-18 Datasheet(PDF) 10 Page - ams AG

Part # AS1371-BTDT-18
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371-BTDT-18 Datasheet(HTML) 10 Page - ams AG

Back Button AS1371-BTDT-18 Datasheet HTML 6Page - ams AG AS1371-BTDT-18 Datasheet HTML 7Page - ams AG AS1371-BTDT-18 Datasheet HTML 8Page - ams AG AS1371-BTDT-18 Datasheet HTML 9Page - ams AG AS1371-BTDT-18 Datasheet HTML 10Page - ams AG AS1371-BTDT-18 Datasheet HTML 11Page - ams AG AS1371-BTDT-18 Datasheet HTML 12Page - ams AG AS1371-BTDT-18 Datasheet HTML 13Page - ams AG AS1371-BTDT-18 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
10 - 14
AS1371
Datasheet - D e t a i l e d D e s c r i p t i o n
Operating Region and Power Dissipation
Maximum power dissipation is determined by the thermal resistance of the case and circuit board, the temperature
difference between the die junction and ambient air, and the rate of air flow. The power dissipation of the device is
calculated by:
Maximum power dissipation is calculated by:
Where:
TJ - TAMB is the temperature difference between the device die junction and the surrounding air.
θJB is the thermal resistance of the package.
θJA is the thermal resistance through the circuit board, copper traces, and other materials to the surrounding.
Note: Pin GND is a multi-function pin providing a connection to the system ground and acting as a heat sink. This pin
should be connected to the system ground using a large pad or a ground plane.
(EQ 2)
PI
OUT
V
IN
V
OUT
()
×
=
(EQ 3)
P
MAX
T
J
T
AMB
θ
JB
θ
JA
+
-------------------------
=


Similar Part No. - AS1371-BTDT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
More results

Similar Description - AS1371-BTDT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Will Semiconductor Ltd.
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2861K WILLSEMI-WL2861K Datasheet
574Kb / 10P
   High Input Voltage, Low Quiescent Current LDO
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com