Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1538 Datasheet(PDF) 5 Page - ams AG

Part # AS1538
Description  8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1538 Datasheet(HTML) 5 Page - ams AG

  AS1538 Datasheet HTML 1Page - ams AG AS1538 Datasheet HTML 2Page - ams AG AS1538 Datasheet HTML 3Page - ams AG AS1538 Datasheet HTML 4Page - ams AG AS1538 Datasheet HTML 5Page - ams AG AS1538 Datasheet HTML 6Page - ams AG AS1538 Datasheet HTML 7Page - ams AG AS1538 Datasheet HTML 8Page - ams AG AS1538 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
5 - 20
AS1538/AS1540
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Characteristics
+VDD = +2.7 to 5.25V, TAMB = -40 to +85ºC (unless otherwise specified). All values referenced to VIHMIN and VILMAX
levels.
CMOS Digital I/O
VIH
Input High Logic Level
+VDD
x 0.7
+VDD
+ 0.5
V
VIL
Input Low Logic Level
-0.3
+VDD
x 0.3
V
VOL
Output Low Logic Level
3mA sink current
0.4
V
IIH
Input High Leakage Current
VIH = +VDD
1µA
IIL
Input Low Leakage Current
VIL = GND
-1
µA
Data Format
Straight binary
Power Supply Requirements
+VDD
Power Supply Voltage
Specified performance
2.7
5.25
V
IQSTAT
Analog Current in Static Mode,
3.6V
PD = 00 Full Power-Down
0.04
1.2
µA
PD = 01 Internal Ref. OFF, ADC ON
400
500
PD = 10 Internal Ref. ON, ADC OFF
500
600
PD = 11 Internal Ref. ON, ADC ON
800
900
Analog Current in Static Mode,
5.25V
PD = 00 Full Power-Down
0.04
1.5
µA
PD = 01 Internal Ref. OFF, ADC ON
450
550
PD = 10 Internal Ref. ON, ADC OFF
550
650
PD = 11 Internal Ref. ON, ADC ON
850
950
IQ
Quiescent Current at Full
Speed, 3.6V
PD = 01 Internal Ref. OFF, ADC ON
500
600
µA
PD = 11 Internal Ref. ON, ADC ON
850
950
Quiescent Current at Full
Speed, 5.25V
PD = 01 Internal Ref. OFF, ADC ON
650
800
µA
PD = 11 Internal Ref. ON, ADC ON
915
1150
1. Guaranteed by design and characterized on sample base.
2. THD measure out to 5th harmonic.
Table 4. Timing Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fSCL
SCL Frequency
0.1
3.4
MHz
tBUF
Bus Free Time Between
STOP and START Conditions
1.3
µs
THOLDSTART
Hold Time for Repeated
START Condition
160
ns
tLOW
SCL Low Period
50
75
ns
tHIGH
SCL High Period
50
75
ns
TSETUPSTART
Setup Time for Repeated
START Condition
100
ns
TSETUPDATA
Data Setup Time
10
ns
THOLDDATA
Data Hold Time
70
ns
TRISESCLK
1
SCL Rise Time
10
40
ns
TRISESCLK1
1
SCL Rise Time after
Repeated START Condition
and After an ACK Bit
10
80
ns
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - AS1538

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1538

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
List of Unclassifed Man...
I2C-ADC ETC2-I2C-ADC Datasheet
330Kb / 7P
   I2C-ADCTM I2C 12-Bit, 8-CH ANALOG-TO-DIGITAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com