Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY299 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # BY299
Description  SOFT RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

BY299 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  BY299 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. BY299 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
BY296 THRU BY299
BY296 thru BY299
SOFT RECOVERY PLASTIC RECTIFIER
SOFT RECOVERY PLASTIC RECTIFIER
0
AMBIENT TEMPERATURE, C
Fig.1 - FORWARD CURRENT DERATING CURVE
2.0
1.0
0.5
0
1.5
40
20
0
60
80
100
120
140
RESISTIVE OR
INDUCTIVE LOAD
.375"(9.5mm) LEAD LENGTHS
Fig.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
100
50
5.0
1.0
10
50
10
100
200
10ms Single Half
Sine Wave AT RATED LOAD
0
T =50C
J
Fig.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.2
1.4
1.6
1.8
2.0
2.2
Pulse Width-300 s
2% DUTY CYCLE
0
T =25C
J
.01
.05
0.1
0.5
1.0
5.0
10
50
100
1.0
0.8
0.6
Fig.4- TYPICAL REVERSE CHARACTERISTICS
0
0.1
1.0
10
.01
PERCENT OF RATED PEAK REVERSE VOLTAGE
20
40
140
60
80
100
120
0
T =100C
J
0
T =50C
J
0
T =25C
J
100
1
10
50
10
100
0
T =25C
J
f=1MHz
Visg=50m Vp-p max
Fig.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)


Similar Part No. - BY299

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY299 PANJIT-BY299 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Microdiode Electronics ...
BY299 CHENDA-BY299 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
BY299 DAESAN-BY299 Datasheet
336Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
logo
Diotec Semiconductor
BY299 DIOTEC-BY299 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Jinan Gude Electronic D...
BY299 JGD-BY299 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
More results

Similar Description - BY299

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com