Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1741H-T Datasheet(PDF) 10 Page - ams AG

Part # AS1741H-T
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1741H-T Datasheet(HTML) 10 Page - ams AG

Back Button AS1741H-T Datasheet HTML 6Page - ams AG AS1741H-T Datasheet HTML 7Page - ams AG AS1741H-T Datasheet HTML 8Page - ams AG AS1741H-T Datasheet HTML 9Page - ams AG AS1741H-T Datasheet HTML 10Page - ams AG AS1741H-T Datasheet HTML 11Page - ams AG AS1741H-T Datasheet HTML 12Page - ams AG AS1741H-T Datasheet HTML 13Page - ams AG AS1741H-T Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
10 - 15
AS1741
Data Sheet - Ap p lica tio n In fo r m a tio n
Figure 14. AS1743 Test Circuit and Timing Diagram
Figure 15. Charge Injection
Figure 16. NOx, NCx, and COMx Capacitance
AS1743
COM2
NO1
35pF
50
Ω
VCOMx
NC2
INx
VS
VS
50
Ω
V+
V+
VCOMx
INx
0
0
VS
VIH + 0.5V
tBBM
90%
tBBM
90%
tBBM = tON(NOx) - tOFF(NCx)
or tBBM = tON(NCx) - tOFF(NOx)
GND
tR < 5ns
tF < 5ns
COM1
AS174x
COMx
NCx
or
NOx
CLOAD
1000pF
VOUT
INx
VGEN
50
Ω
V+
V+
VIN
0
V+
ΔVOUT
VOUT
AS1741
AS1742
ΔVOUT is the measured voltage due to charge transfer error Q
when the channel turns off.
Q =
ΔVOUT x CLOAD
GND
RGEN
VIN
AS1741/
AS1742/
AS1743
COMx
NCx or
NOx
INx
V+
V+
As
Required
1MHz
Capacitance
Analyzer
GND


Similar Part No. - AS1741H-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1741H-T AMSCO-AS1741H-T Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
More results

Similar Description - AS1741H-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com