Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1306EFR-3-0.01-1-42 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # 1306EFR-3-0.01-1-42
Description  POLYESTER (MYLAR) and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1306EFR-3-0.01-1-42 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  1306EFR-3-0.01-1-42 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1306EFR-3-0.01-1-42 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1306TF-1
50 VDC
1306TF-2
100 VDC
1306TF-3
150 VDC
1306TF-3
200 VDC
1306TF-3
400 VDC
1306TF-3
600 VDC
Cap.
µµµµµF
T
W
L
T
W
L
T
W
L
T
W
L
EFC
1306TF
1306TF
<
><
L _.050"
>
1.625"
Min.
_ .050"
+
+_ .050"
W
T
<
>
Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG
Oval
Wrap and Fill
+
DIMENSIONS and RATINGS
T
W
L
T
W
L
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.140
.150
.170
.120
.130
.140
.160
.180
.200
.230
.190
.220
.250
.280
.310
.280
.310
.340
.330
.370
.410
.360
.410
.460
.540
.210
.210
.210
.210
.210
.210
.210
.210
.210
.210
.210
.210
.220
.230
.240
.270
.210
.220
.240
.250
.270
.300
.320
.290
.310
.340
.370
.410
.400
.430
.470
.460
.500
.540
.520
.580
.620
.710
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
1.190
1.190
1.190
1.190
1.190
1.190
1.190
1.190
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.120
.140
.160
.180
.120
.140
.150
.170
.190
.210
.180
.210
.230
.260
.290
.330
.290
.330
.320
.360
.400
.340
.380
.430
.480
.540
.520
.610
.670
.790
.900
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
6.0
8.0
.210
.210
.210
.210
.210
.210
.210
.210
.210
.210
.220
.230
.250
.270
.210
.230
.250
.270
.290
.310
.280
.300
.330
.350
.390
.420
.420
.450
.450
.480
.520
.500
.550
.590
.640
.710
.690
.780
.870
.990
1.090
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.656
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.690
.120
.120
.120
.120
.120
.120
.120
.130
.150
.170
.190
.120
.140
.160
.180
.200
.230
.190
.220
.240
.270
.300
.270
.300
.340
.330
.370
.420
.360
.400
.450
.500
.560
.540
.590
.590
.660
.700
.880
.210
.210
.210
.210
.210
.210
.210
.230
.250
.260
.280
.220
.240
.250
.270
.300
.320
.290
.310
.340
.360
.400
.390
.420
.470
.460
.500
.540
.530
.570
.620
.670
.720
.700
.780
.790
.850
.900
1.080
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.940
1.940
.120
.120
.120
.140
.160
.200
.120
.130
.140
.160
.180
.210
.230
.190
.220
.250
.280
.300
.260
.290
.330
.320
.360
.400
.350
.390
.440
.490
.470
.520
.580
.550
.620
.690
.700
.790
.880
.950
1.190
.210
.210
.210
.240
.260
.300
.210
.220
.240
.260
.280
.300
.330
.290
.310
.340
.370
.400
.390
.420
.460
.440
.480
.520
.510
.550
.600
.660
.640
.690
.750
.750
.820
.890
.900
.990
1.080
1.150
1.390
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.690
1.690
1.690
1.940
1.940
1.940
2.250
2.250
.120
.120
.120
.130
.140
.180
.200
.220
.170
.190
.210
.230
.270
.300
.250
.280
.320
.290
.330
.370
.410
.340
.380
.430
.490
.540
.520
.580
.560
.620
.690
.680
.760
.850
.950
.990
1.090
.210
.210
.210
.220
.240
.270
.300
.320
.260
.280
.300
.330
.360
.390
.370
.410
.440
.420
.460
.490
.530
.510
.550
.600
.660
.710
.680
.750
.760
.810
.880
.880
.960
1.050
1.150
1.180
1.290
.531
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.690
1.940
1.940
1.940
1.940
2.250
2.250
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
.120
.120
.120
.120
.120
.120
.120
.120
.120
.130
.150
.160
.110
.120
.140
.160
.180
.200
.230
.190
.220
.240
.270
.300
.270
.300
.340
.330
.380
.420
.360
.400
.450
.500
.560
.550
.610
.620
.780
.920
.950
1.050
1.130
.210
.210
.210
.210
.210
.210
.210
.210
.210
.220
.240
.260
.200
.220
.240
.260
.280
.300
.320
.290
.310
.340
.360
.400
.400
.430
.470
.460
.500
.540
.520
.560
.610
.660
.730
.710
.770
.820
.980
1.120
1.140
1.250
1.330
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.690
1.940
1.940
2.250
Polyester (Mylar )
and Foil
Capacitors


Similar Part No. - 1306EFR-3-0.01-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EFR-3-0.1-1-01 EFC-1306EFR-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1306EFR-3-0.1-1-01 EFC-1306EFR-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1306EFR-3-0.1-1-01 EFC-1306EFR-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1306EFR-3-0.1-1-01 EFC-1306EFR-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
1306EFR-3-0.1-1-02 EFC-1306EFR-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
More results

Similar Description - 1306EFR-3-0.01-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EC EFC-1306EC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
   Polyester (Mylar) and Foil Capacitors
logo
NTE Electronics
MLR274K100 NTE-MLR274K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA_16 Datasheet
201Kb / 1P
   Mylar Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com