Electronic Components Datasheet Search |
|
AS1909C22-T Datasheet(PDF) 3 Page - ams AG |
|
AS1909C22-T Datasheet(HTML) 3 Page - ams AG |
3 / 10 page www.austriamicrosystems.com Revision 1.05 3 - 10 AS1907/AS1908/AS1909 Data Sheet - A b s o l u t e M a x i m u m R a t i n g s 5 Absolute Maximum Ratings Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 3. Absolute Maximum Ratings Parameter Min Max Units Comments VCC -0.3 +5 V RESET, RESETN Push/Pull -0.3 VCC + 0.3 V RESETN Open Drain -0.3 +6 V Input Current (VCC) 20 mA Output Current (RESET, RESETN) 20 mA Continuous Power Dissipation (TAMB = +70ºC) 320 mW 3-pin SOT23 derate 4mW/ºC above +70ºC Operating Temperature Range -40 +125 ºC Storage Temperature Range -65 +160 ºC Package Body Temperature +260 ºC The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices” |
Similar Part No. - AS1909C22-T |
|
Similar Description - AS1909C22-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |