Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1918 Datasheet(PDF) 7 Page - ams AG

Part # AS1918
Description  AS1916 - AS1918
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1918 Datasheet(HTML) 7 Page - ams AG

Back Button AS1918 Datasheet HTML 3Page - ams AG AS1918 Datasheet HTML 4Page - ams AG AS1918 Datasheet HTML 5Page - ams AG AS1918 Datasheet HTML 6Page - ams AG AS1918 Datasheet HTML 7Page - ams AG AS1918 Datasheet HTML 8Page - ams AG AS1918 Datasheet HTML 9Page - ams AG AS1918 Datasheet HTML 10Page - ams AG AS1918 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 13
AS1916 - AS1918
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1916 - AS1918 supervisory circuits were designed to generate a reset when the monitored supply voltage falls
below its factory-trimmed trip threshold (see VTH on page 4), and to maintain the reset for a minimum timeout period
(see tRP on page 4) after the supply has stabilized.
The integrated watchdog timer (see Watchdog Input on page 8) helps mitigate against bad programming code or clock
signals, and/or poor peripheral response.
The active-low manual reset input (see Manual Reset Input on page 8) allows for an externally activated system reset.
RESET/RESETN
Whenever the monitored supply voltage falls below its reset threshold, the RESET output asserts low or the RESETN
output asserts high. Once the monitored voltage has stabilized, an internal timer keeps the reset asserted for the reset
timeout period (tRP). After the tRP period, the RESET/RESETN output returns to its original state (see Figure 10).
Figure 9. Functional Diagram of VCC Supervisory Application
Figure 10. Reset Timing Diagram
AS1916 - AS1918
Reset Timeout
Delay Generator
Watchdog Transition
Detector
Watchdog
Timer
+
VCC
1.26V
2
GND
5
VCC
4
WDI
1
RESETN/
RESET
3
MRN
1V
tRD
tRP
tRP
tRD
VTH
VTH
VCC
RESETN
RESET
GND
1V


Similar Part No. - AS1918

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1918 AMSCO-AS1918 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1918 AMSCO-AS1918 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1918R-T AMSCO-AS1918R-T Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1918R-T AMSCO-AS1918R-T Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1918S-T AMSCO-AS1918S-T Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com