Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1926 Datasheet(PDF) 6 Page - ams AG

Part # AS1926
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1926 Datasheet(HTML) 6 Page - ams AG

Back Button AS1926 Datasheet HTML 2Page - ams AG AS1926 Datasheet HTML 3Page - ams AG AS1926 Datasheet HTML 4Page - ams AG AS1926 Datasheet HTML 5Page - ams AG AS1926 Datasheet HTML 6Page - ams AG AS1926 Datasheet HTML 7Page - ams AG AS1926 Datasheet HTML 8Page - ams AG AS1926 Datasheet HTML 9Page - ams AG AS1926 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 12
AS1925/AS1926
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VCC = 1.5V, TAMB = +25ºC (unless otherwise specified).
Figure 3. Supply Current vs. Temperature
Figure 4. Power Down Reset Delay vs. Temperature
Figure 5. Normalized Reset Timeout Periode vs. Temp.
Figure 6. Normalized VCC Reset TH. vs. Temperature
Figure 7. Power-Up/Down Characteristics
Figure 8. Glitch rejection vs. Supply Voltage
0
1
2
3
4
5
-40
-15
10
35
60
85
Temperature (°C)
0
20
40
60
80
100
120
140
-40
-15
10
35
60
85
Temperature (°C)
VCC = 0.9V
VCC = 1.5V
VCC =1.8V
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = Overdrive Voltage
0.99
0.995
1
1.005
1.01
0
1530456075
90
Temperature (°C)
0.96
0.98
1
1.02
1.04
1.06
1.08
-40
-15
10
35
60
85
Temperature (°C)
100ms/Div
0
100
200
300
400
500
600
700
110
100
Overdrive VTH-VCC (mV)
Reset occures
above this line
No reset occures
below this line


Similar Part No. - AS1926

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS192-000 SKYWORKS-AS192-000 Datasheet
181Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS192-306 SKYWORKS-AS192-306 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
ams AG
AS1920 AMSCO-AS1920 Datasheet
341Kb / 2P
   Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920 AMSCO-AS1920 Datasheet
279Kb / 14P
   Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
More results

Similar Description - AS1926

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com