Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1914TZ-T Datasheet(PDF) 8 Page - ams AG

Part # AS1914TZ-T
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1914TZ-T Datasheet(HTML) 8 Page - ams AG

Back Button AS1914TZ-T Datasheet HTML 4Page - ams AG AS1914TZ-T Datasheet HTML 5Page - ams AG AS1914TZ-T Datasheet HTML 6Page - ams AG AS1914TZ-T Datasheet HTML 7Page - ams AG AS1914TZ-T Datasheet HTML 8Page - ams AG AS1914TZ-T Datasheet HTML 9Page - ams AG AS1914TZ-T Datasheet HTML 10Page - ams AG AS1914TZ-T Datasheet HTML 11Page - ams AG AS1914TZ-T Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 15
AS1910 - AS1915
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1910 - AS1915 supervisory circuits were designed to generate a reset when one of the two monitored supply
voltages falls below its factory-trimmed trip threshold (see VTH on page 4 and VTH2 on page 4), and to maintain the
reset for a minimum timeout period (see tRP on page 5) after all supplies have stabilized.
The integrated watchdog timer (see Watchdog Input on page 10) helps mitigate against bad programming code or
clock signals, and/or poor peripheral response. An active-low manual reset input (see Manual Reset Input on page 10)
allows for an externally activated system reset.
RESET/RESETN
Whenever one of the monitored voltages falls below its reset threshold, the RESET output (AS1910, AS1912, AS1913,
AS1915) asserts low or the RESETN output (AS1911, AS1914) asserts high. Once all monitored voltages have stabi-
lized, an internal timer keeps the reset asserted for the reset timeout period (tRP). After the tRP period, the RESET or
RESETN output return to their original state (see Figure 10).
Figure 9. Functional Diagram of VCC Supervisory Application
Figure 10. Reset Timing Diagram
AS1913/AS1914/AS1915
Reset Timeout
Delay Generator
Watchdog Transition
Detector
Watchdog
Timer
+
1.26V
VCC
0.63V
1.26V
5
VCC2
2
GND
6
VCC
4
WDI
1
RESETN/
RESET
3
MRN
1V
tRD
tRP
tRP
tRD
VTH
VTH
VCC
RESETN
RESET
GND
1V


Similar Part No. - AS1914TZ-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1914 AMSCO-AS1914 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
More results

Similar Description - AS1914TZ-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com