Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3525BC21O20T Datasheet(PDF) 5 Page - ams AG

Part # A3525BC21O20T
Description  Advanced Audio Processor System
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

A3525BC21O20T Datasheet(HTML) 5 Page - ams AG

  A3525BC21O20T Datasheet HTML 1Page - ams AG A3525BC21O20T Datasheet HTML 2Page - ams AG A3525BC21O20T Datasheet HTML 3Page - ams AG A3525BC21O20T Datasheet HTML 4Page - ams AG A3525BC21O20T Datasheet HTML 5Page - ams AG A3525BC21O20T Datasheet HTML 6Page - ams AG A3525BC21O20T Datasheet HTML 7Page - ams AG A3525BC21O20T Datasheet HTML 8Page - ams AG A3525BC21O20T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
5
- 194
7.2.6
IDE Interface
30
7.2.7
USB 2.0 HS OTG interface
33
7.2.8
Memory Stick / Memory Stick Pro Interface
38
7.3
APB Peripheral Block
40
7.3.1
Timers
40
7.3.2
Watchdog Unit
44
7.3.3
SSP – Synchronous Serial Port
47
7.3.4
GPIO - General purpose input/output ports
49
7.3.5
MCI – SD / MMC Card Interface
56
7.3.6
I2cAudMas - I2C audio master interface
57
7.3.7
I2CMSI - I2C master/slave interface
58
7.3.8
I2SIN - I2S input interface
59
7.3.9
SPDIF interface
65
7.3.10
I2SOUT - I2S output interface
66
7.3.11
NAND Flash Interface
72
7.3.12
DBOP - Data Block Output Port
83
7.3.13
UART – Universal Asynchronous Receiver/Transmitter
93
7.3.14
CGU - Clock generation unit
100
7.3.15
CCU - Chip Control Unit
114
7.4
Audio and Power Management functions
119
7.4.1
SYSTEM
119
7.4.2
3V Step-Up Converter
121
7.4.3
Low Drop Out Regulators
123
7.4.4
Charge-Pump Step-Down Converter
126
7.4.5
Audio Line Output
129
7.4.6
Headphone Output
131
7.4.7
Speaker Output
134
7.4.8
Microphone Inputs (2x)
138
7.4.9
Audio Line Inputs (2x)
141
7.4.10
I2S Digital Audio Interface
143
7.4.11
Audio Output Mixer
147
7.4.12
Audio Settings
148
7.4.13
VBUS CP & Comparator
150
7.4.14
Auxiliary Oscillator
151
7.4.15
Charger
152
7.4.16
15V Step-Up Converter
154
7.4.17
Supervisor
156
7.4.18
Interrupt Generation
157
7.4.19
Real Time Clock
162
7.4.20
10-Bit ADC
164
7.4.21
128 bit OTP ROM
167
7.4.22
2-Wire-Serial Control Interface
168
8
PINOUT AND PACKAGING
172
8.1
Package Variants
172
8.2
CTBGA224 Package Drawings
172
8.2.1
Marking
172
8.2.2
CTBGA224 Package Ball-out
173
8.2.3
CTBGA224 Ball List
173
8.3
CTBGA144 Package Drawings
182
8.3.1
CTBGA144 Package Ball-out
182
8.3.2
CTBGA144 Ball List
183


Similar Part No. - A3525BC21O20T

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A3520 ALPHA-MICRO-A3520 Datasheet
295Kb / 2P
   DC motor controller IC, providing a single chip solution
More results

Similar Description - A3525BC21O20T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
   AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com