Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3525BC22O20T Datasheet(PDF) 7 Page - ams AG

Part # A3525BC22O20T
Description  Advanced Audio Processor System
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

A3525BC22O20T Datasheet(HTML) 7 Page - ams AG

Back Button A3525BC22O20T Datasheet HTML 3Page - ams AG A3525BC22O20T Datasheet HTML 4Page - ams AG A3525BC22O20T Datasheet HTML 5Page - ams AG A3525BC22O20T Datasheet HTML 6Page - ams AG A3525BC22O20T Datasheet HTML 7Page - ams AG A3525BC22O20T Datasheet HTML 8Page - ams AG A3525BC22O20T Datasheet HTML 9Page - ams AG A3525BC22O20T Datasheet HTML 10Page - ams AG A3525BC22O20T Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
7
- 194
Document Revisions
Revision
Chapter
Date
Owner
Description
0.1
all
9.12.2004
mma
first preliminary version
0.2
4,6.6
19.12.2004 mma
application figures, register base address
0.3
7.6, 7.7
28.1.2005
mma
CTBGA144 ball-out added
0.4
6.2
7.3.2005
mma
changes in boot-concept
0.5
6.4.14
24.3.2005
mma
CGU frequency settings updated
0.6
6.2, 7.4
1.4.2005
mma
correct IntBootSel
0.6
7.7
1.4.2005
mma
Package Code and Marking added
0.7
6.7 – 6.28
2.5.2005
mma
Parameters updated
0.7
5.1.2.
2.5.2005
mma
Supply Currents added
0.7
6.15
5.5.2005
mma
Audio Specification added
0.8
7.4, 7.7
21.6.2005
mma
tmsel PAD-type is pull down
0.8
5
28.7.2005
mma
Lead temperature corrected for lead-free package
0.8
5.0, 5.1
5.8.2005
wsg
Added conditions for absolute max rating of vdd_peri, vdd_mem,
vdd_core, usb_vdda_33t, usb_vdda_33c. Changed operating
condition for vdd_core max limit.
0.82
7.8
6.10.2005
pkm
added pad cell description
0.82
7
13.10.2005 pkm
correct pin list pad types (JTAG_trst_n, jtag_tdi, mpmc_fbclkin,
naf_bsy_n, ide_ha[0..2], ide_reset_n, id_dig)
0.83
5.1.1
22.10.2005 wsg
Added Note on VDD_CORE supply voltage scaling
1.00
all
wsg/pkm
Major revision
1.1
25.9.2006
wsg
added description for modified C22 bootloader
16.2.2007
wsg
added UART description
corrected NAFmode register description
added C22O22 version in order information
corrected header in table “CGU frequency settings”
22.3.2007
pkm
updated ESD and soldering conditions, change ADC_10 source for
C22O22 from BVDD to CHG_OUT
1.11
17.4.2007
wsg
update of PINOUT for AS3525A: test pins at K2, K4 and L2 are only
used during production test and must stay unconnected for normal
operation mode. Pins are now marked with NC. Added Note for
AS3525B package that CVDD and vdd_core have to be connected
externally!
1.12
7.4.7.2
6.7.2007
wsg
added application circuit with schottky diodes for speaker output
protection.
7.1.6
6.7.2007
wsg
deleted description of C21O20 bootloader (this chip version is not
available any more)
1.13
6.2.3
24.2.2009
wsg
Added definition of Power Management Output Voltages


Similar Part No. - A3525BC22O20T

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A3520 ALPHA-MICRO-A3520 Datasheet
295Kb / 2P
   DC motor controller IC, providing a single chip solution
More results

Similar Description - A3525BC22O20T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
   AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com