Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3525BC22O20T Datasheet(PDF) 9 Page - ams AG

Part # A3525BC22O20T
Description  Advanced Audio Processor System
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

A3525BC22O20T Datasheet(HTML) 9 Page - ams AG

Back Button A3525BC22O20T Datasheet HTML 5Page - ams AG A3525BC22O20T Datasheet HTML 6Page - ams AG A3525BC22O20T Datasheet HTML 7Page - ams AG A3525BC22O20T Datasheet HTML 8Page - ams AG A3525BC22O20T Datasheet HTML 9Page - ams AG A3525BC22O20T Datasheet HTML 10Page - ams AG A3525BC22O20T Datasheet HTML 11Page - ams AG A3525BC22O20T Datasheet HTML 12Page - ams AG A3525BC22O20T Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
9
- 194
5 Typical Applications
AS3525 is an advanced audio system-on-a-chip for flash-players, hard-disk players, mobile phones and PDAs powered by single Li+, AA or AAA
batteries.
AS3525-A is the package variant with 224 balls intended for full-featured harddisk players, AS3524-B is the package variant with 144 balls for flash
players with reduced feature set and no need for an external SDRAM.
Two versions are available for the chips: C22O22 which is the newest version with additional boot loader features, and C21O20 which is outdated
and must not be used for new design starts.
5.1
Flash-Player
The following schematic shows a typical flash-player application of the AS3525-B in the CTBGA144 package. A single AAA or AA battery powers
the complete system. The on-chip DC/DC converter generates a supply voltage of 3.25V (BVDD) with a maximum output load current of 150mA.
Linear regulators, which are connected to this BVDD, provide the supply voltages for the analog functions, the USB-2.0-Phy, the digital periphery
and external components. A highly efficient Charge-Pump Step-Down-Converter supplies the digital core. All analog features are available in this
package variant. Also, the digital interfaces to NAND-flash, MMC/SD card, Memory-Stick-Pro, USB-2.0 HS&OTG, Synchronous Serial Interface,
General Purpose IOs and different displays are provided.
Figure 2 Flash Player Application


Similar Part No. - A3525BC22O20T

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A3520 ALPHA-MICRO-A3520 Datasheet
295Kb / 2P
   DC motor controller IC, providing a single chip solution
More results

Similar Description - A3525BC22O20T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
   AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com