Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1206TF-3-0.01-1-1.25K-1 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # MF1206TF-3-0.01-1-1.25K-1
Description  POLYPROPYLENE SNUBBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

MF1206TF-3-0.01-1-1.25K-1 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  MF1206TF-3-0.01-1-1.25K-1 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. MF1206TF-3-0.01-1-1.25K-1 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. MF1206TF-3-0.01-1-1.25K-1 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. MF1206TF-3-0.01-1-1.25K-1 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. MF1206TF-3-0.01-1-1.25K-1 Datasheet HTML 5Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3. DIELECTRIC STRENGTH
At 25°C, 160% of rated voltage for 10 seconds.
2. CAPACITANCE
Measured at 25°C at 1 kHz.
SERIES MF1206
.709-.750
.968-1.04
1.19-1.26
4. INSULATION RESISTANCE
At 25°C with maximum 2 minutes charge at rated
voltage or 500 VDC, whichever is less, the minimum
IR shall be 200,000 Megohm-Microfarads, but need
not exceed 250,000 Megohms.
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
SPECIFICATIONS
1. TEMPERATURE RANGE
-55°C to +85°C at rated voltage.
To 105°C with 25% voltage derating.
7. LIFE TEST
Will withstand the application of 140% rated voltage at
+85°C for 250 hours with not more than one failure in
12 permitted.
6. DISSIPATION FACTOR
Shall be 0.1% max. when measured at 25°C at 1 kHz.
5. HUMIDITY RESISTANCE
Series MF1206 shall meet the requirements
of MIL-STD. 202C, Method 103B.
EFC Series MF1206 are polypropylene capacitors with an internal series construction of double-sided
metallized carrier and foil contact plates. This series offers the advantages of a self-healing metallized
dielectric and the high current/pulsing capabilities (see dv/dt Table) of a foil capacitor. Packaging
options include: wrap and fill (TC, TF), radial lead box (EFR), and radial lead dip (DFR).
POLYPROPYLENE SNUBBER
8. PULSE RISE TIME (dv/dt)
Body Length (inches)
1000
1250
1600
2000
4500
5500
7500
9500
2000
2400
5000
6000
1000
1000
3000
4500
Rated DC
Voltage
CASE CODE
TC - WRAP & FILL - ROUND - AXIAL
TF - WRAP & FILL - FLAT - AXIAL
EFR - EPOXY CASE - FLAT - RADIAL
CAPACITANCE
IN MICROFARADS (
µµµµµF)
VOLTAGE
10
- 1000 VDC
1.25K - 1250 VDC
1.6K - 1600 VDC
2.0K - 2000 VDC
SIZE CODE
3 - STANDARD
2 - MINIATURE
1 - SUBMINIATURE
X - NON-STANDARD
FOR EFC METRIC CASES USE THE
ONE LETTER CASE CODE LISTED.
TOLERANCE
1 - 1%
2 - 2%
5 - 5%
ETC.
DIELECTRIC CODE
1206 - POLYPROPYLENE/FOIL
CATALOG NOMENCLATURE
MF 1206 EFR - 3 - .001 - 1.6K - 5
OPTION
HIGH AMPERAGE AND PULSE CURRENTS
An internal series construction of double-sided metallized carrier and
foil contact plates allow these capacitors to handle high amperage and
pulsing currents. Specify with the prefix MF.


Similar Part No. - MF1206TF-3-0.01-1-1.25K-1

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
MF1206TF-3 EFC-MF1206TF-3 Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
More results

Similar Description - MF1206TF-3-0.01-1-1.25K-1

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
M1206 EFC-M1206 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
   Snubber Capacitors Polypropylene
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
   Snubber Capacitors Metallized Polypropylene
logo
Cornell Dubilier Electr...
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com