Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF54 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SF54
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SF54 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SF54 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SF54 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
SF51 thru SF56
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
VF
IR
IO
IFSM
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
Maximum Instantaneous Forward Voltage at 5.0A DC
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
SF51
SF51
SF53
SF53
SF55
SF55
SF52
SF52
SF54
SF54
SF56
SF56
UNITS
UNITS
100
400
150
200
300
Volts
Volts
Volts
Volts
Amps
Amps
uAmps
uAmps
0C
pF
35
70
280
105
140
210
50
100
400
150
200
-65 to +150
0.95
1.25
5.0
150
35
5.0
150
50
30
300
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Notes : 1.Test Condition: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1 MHz and applied reverse voltage of 4.0 volts
FEATURES
High reliability
Low leakage
Low forward voltage
High current capability
Super fast switching speed
High surge capability
Good for switching mode circuit
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL94V-0 rate flame retardant
Lead:MIL-STD-202E method 208C quaranted
Mounting position:Any
Weigh:1.18 grams
CHENG- YI
CHENG- YI
ELECTRONIC
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
VOLTAGE RANGE-50 to 400 Volts
CURRENT-5.0 Amperese
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0
@TA=55 C
0
@TA=25 C
0
@TA=150 C
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note1)
trr
nSec
TSTG
TJ
RATINGS
CHARACTERISTICS
SYMBOL
SYMBOL
.052(1.3)
.048(1.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.220(5.6)
.197(5.0)
.375(9.5)
.335(8.5)
DIA.
DIA.


Similar Part No. - SF54

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF54 MOSPEC-SF54 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Rugao Dachang Electroni...
SF54 DACHANG-SF54 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Taiwan Semiconductor Co...
SF54 TSC-SF54 Datasheet
67Kb / 2P
   5.0 AMPS. Super Fast Rectifiers
logo
Guangdong Juxing Electr...
SF54 JUXING-SF54 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Shenzhen Ping Sheng Ele...
SF54 PFS-SF54 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF54

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com