Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1213TCQ-X-1.0-1.6-5 Datasheet(PDF) 3 Page - Electronic Film Capacitors, Inc.

Part # SP1213TCQ-X-1.0-1.6-5
Description  METALLIZED POLYPROPYLENE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

SP1213TCQ-X-1.0-1.6-5 Datasheet(HTML) 3 Page - Electronic Film Capacitors, Inc.

  SP1213TCQ-X-1.0-1.6-5 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. SP1213TCQ-X-1.0-1.6-5 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. SP1213TCQ-X-1.0-1.6-5 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. SP1213TCQ-X-1.0-1.6-5 Datasheet HTML 4Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
_ .050"
<
><
L _.050"
>
D
L
ELECTRONIC FILM CAPACITORS, INC.
PHONE (203) 755-5629
FAX (203) 755-0659
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
METALLIZED POLYPROPYLENE SNUBBER DESIGN
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.00
1.20
1.50
CAP.
µµµµµF
inches (mm) inches (mm)
850VDC/450VAC
0.38 (9.8)
0.45 (11.6)
0.55 (14.0)
0.65 (16.6)
0.71 (18.0)
0.78 (19.8)
0.85 (21.7)
0.94 (23.9)
1.03 (26.2)
1.15 (29.2)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
SP1213TC
Rev. 4/97
1.625"
Min.
+
SP1213TC
+
D
D
L
CAP.
µµµµµF
inches (mm)
inches (mm)
1200VDC/500VAC
0.42 (10.8)
0.51 (12.9)
0.61 (15.7)
0.73 (18.6)
0.79 (20.2)
0.87 (22.2)
0.96 (24.4)
1.06 (26.8)
1.15 (29.4)
1.29 (32.8)
D
L
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.22
0.33
0.47
0.56
CAP.
µµµµµF
inches (mm) inches (mm)
2000VDC/660VAC
0.39 (9.9)
0.42 (10.7)
0.46 (11.7)
0.50 (12.7)
0.55 (14.0)
0.60 (15.2)
0.67 (16.9)
0.80 (20.4)
0.98 (24.9)
1.16 (29.6)
1.27 (32.3)
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
I
(PEAK)
amps
I
(RMS)
amps
ESL
nH
dV/dT
V/
µµµµµS
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.00
1.20
1.50
49
72
107
153
182
221
267
325
390
488
4.50
4.63
5.25
5.50
6.00
6.25
6.25
6.50
6.50
6.50
45
45
45
45
40
35
30
30
30
30
29
26
23
16
14
12
11
9
7
5
325
325
325
325
325
325
325
325
325
325
90
132
198
282
336
408
492
600
720
900
4.5
5.3
6.3
6.5
6.8
7.0
7.0
7.0
7.0
7.0
45
45
45
45
40
35
30
30
30
30
22
15
10
7
6
5
4
3
3
2
600
600
600
600
600
600
600
600
600
600
40
48
58
70
85
102
128
187
281
400
476
4.5
4.5
4.5
4.5
5.0
5.5
6.0
6.5
7.0
7.0
7.0
45
45
45
45
45
45
45
35
26
25
25
40
34
28
23
19
16
13
9
6
4
3
850
850
850
850
850
850
850
850
850
850
850
DIMENSIONS
AND
RATINGS
Leads - 18 AWG
Tinned Copper
100
kHz
ESR
(((((mΩ
Ω)))))
100
kHz
ESR
(((((mΩ
Ω)))))
100
kHz
ESR
(((((mΩ
Ω)))))


Similar Part No. - SP1213TCQ-X-1.0-1.6-5

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
   Snubber Capacitors Metallized Polypropylene
More results

Similar Description - SP1213TCQ-X-1.0-1.6-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C9TS6MD5830AARX KEMET-C9TS6MD5830AARX Datasheet
73Kb / 1P
   Metallized Polypropylene
C9TS5MD5920AARX KEMET-C9TS5MD5920AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD6154AARX KEMET-C9TS5MD6154AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD6137AARX KEMET-C9TS6MD6137AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD5770AARX KEMET-C9TS5MD5770AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD5685AARX KEMET-C9TS6MD5685AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
logo
List of Unclassifed Man...
DCP6I06780E000XXXX ETC2-DCP6I06780E000XXXX Datasheet
154Kb / 3P
   Metallized Polypropylene
logo
Kemet Corporation
C9TS5MD5311AARX KEMET-C9TS5MD5311AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com