Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2B Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # FR2B
Description  SURFACE MOUNT ULTRAFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

FR2B Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  FR2B Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. FR2B Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
FR2A THRU FR2K
CHENG- YI
CHENG- YI
ELECTRONIC
SURFACE MOUNT FAST SWITCHENG
RECTIFIER
SURFACE MOUNT FAST SWITCHENG
RECTIFIER
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
100
50
10
5
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
Fig. 5 - TYPICAL JUNCTION CHARACTERISTICS
0
T =25C
J
f=1.0MHz
Vsig=50mVp-p
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 6 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
RESISTIVE OR
INDUCTIVE LOAD
2
P.C. Board mounted on 8.0mm
COPPER LAND AREAS
2.0
1.5
1.0
0.5
0
50
60
70
80
90 100 110 1 20 130 140 150
Fig. 1 - FORWARD CURRENT DERATING CURVE
Fig. 3 - FORWARD CHARACTERISTICS
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
o
LEAD TEMPERATURE, C
Fig. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
60
100
10
1.0
0.1
50
40
30
20
10
8.3ms Single Half Since-Wave
JEDEC Method
0
T =25C
J
TYPICAL
10
0.1
1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0
TA=125C
0
TA=25C
FR2A thru FR2K


Similar Part No. - FR2B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2B PANJIT-FR2B Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
FR2B CHONGQING-FR2B Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Microdiode Electronics ...
FR2B CHENDA-FR2B Datasheet
950Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Surge Components
FR2B SURGE-FR2B Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
SEMTECH ELECTRONICS LTD...
FR2B SEMTECH_ELEC-FR2B Datasheet
249Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com