Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1613TF-3-0.01-1-41 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1613TF-3-0.01-1-41
Description  POLYESTER (MYLAR) and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1613TF-3-0.01-1-41 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1613TF-3-0.01-1-41 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1613TF-3-0.01-1-41 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POLYESTER (MYLAR ) and FOIL
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured
at 1 KHz + 20 HZ.. Capacitors >1.0 MFD
shall be measured at 60 HZ. Measurements
shall be taken at 25 OC.
TYPICAL TEMPERATURE CURVES
POLYESTER (MYLAR
) and FOIL
-55
-25
0
25
50
85
125
-55
-25
0
25
50
85
125
Temperature (OC)
0
DISSIPATION FACTOR VS. TEMPERATURE
CAPACITANCE CHANGE VS. TEMPERATURE
Temperature (OC)
Temperature (OC)
+25
+50
+85
+125
INSULATION RESISTANCE VS. TEMPERATURE
10
ELECTRONIC FILM CAPACITORS, INC.
10
5
10
4
10
3
10
2
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
SERIES 1306
SPECIFICATIONS
1. TEMPERATURE RANGE
- 55 OC to + 85 OC at rated voltage.
To 105 OC with 50% voltage derating.
3. DIELECTRIC STRENGTH
At 25 OC, 200% of rated voltage when applied
terminal to terminal for one minute through a
current limiting resistance.
7. LIFE TEST
Will withstand the application of 140% rated voltage at +85 0C for 250 hours
with not more than one failure in 12 permitted.
EFC Series 1306 are polyester and foil capacitors. This series offers the advantage of
small size and low cost, dv/dt ratings in excess of 1000 V/
µs. Suggested applications
include: medical electronics, telecommunications. Packaging options include: wrap and
fill (TF, TC), radial lead box (EFR), axial lead (EC, EF).
1.5
1.0
_
6. DISSIPATION FACTOR
Shall be 0.6% max. when measured as in Par. 2.
-10
-15
+15
+10
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage
or 500 VDC, whichever is less, the minimum IR shall
be 50,000 Megohm-Microfarads, but need not exceed
100,000 Megohms.
5. HUMIDITY RESISTANCE
Series 1306 shall meet the requirements
of MIL-STD. 202C, Method 103B.
0
-5
-5
.5


Similar Part No. - 1613TF-3-0.01-1-41

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613TF-3-0.1-1-01 EFC-1613TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1613TF-3-0.1-1-01 EFC-1613TF-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1613TF-3-0.1-1-01 EFC-1613TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1613TF-3-0.1-1-01 EFC-1613TF-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
1613TF-3-0.1-1-02 EFC-1613TF-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
More results

Similar Description - 1613TF-3-0.01-1-41

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EC EFC-1306EC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
   Polyester (Mylar) and Foil Capacitors
logo
NTE Electronics
MLR274K100 NTE-MLR274K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA_16 Datasheet
201Kb / 1P
   Mylar Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com