Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13986-2828-T Datasheet(PDF) 10 Page - ams AG

Part # AS13986-2828-T
Description  Dual Low-Noise, Low-Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13986-2828-T Datasheet(HTML) 10 Page - ams AG

Back Button AS13986-2828-T Datasheet HTML 5Page - ams AG AS13986-2828-T Datasheet HTML 6Page - ams AG AS13986-2828-T Datasheet HTML 7Page - ams AG AS13986-2828-T Datasheet HTML 8Page - ams AG AS13986-2828-T Datasheet HTML 9Page - ams AG AS13986-2828-T Datasheet HTML 10Page - ams AG AS13986-2828-T Datasheet HTML 11Page - ams AG AS13986-2828-T Datasheet HTML 12Page - ams AG AS13986-2828-T Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 13
AS13986
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
External Component Selection
Input Capacitor
A ceramic, tantalum, or film capacitor of 1µF (typ) should be used between pin VIN and GND (the value of the capacitor
may be increased without limit). This capacitor must be located a distance of not more than 1cm from VIN, and returned
to a clean analog ground (see Figure 15).
Note: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low impedance
source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input, it must be
guaranteed by the manufacturer to have a surge current rating sufficient for the application. There are no
requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be considered
when selecting the capacitor to ensure the capacitance will be approximately 1µF over the entire operating
temperature range.
Output Capacitor
The AS13986 was specifically designed to use very small ceramic output capacitors (temperature characteristics X7R,
X5R, Z5U or Y5V) in 1 to 22µF range (ESR of 0.005 to 5
Ω). Tantalum or film capacitors can be used at the output,
however these types of capacitors require more PCB space and are more expensive than ceramic capacitors.
Note: The output capacitor must meet the minimum capacitance requirement and also have an ESR value which is
within a stable range.
Bypass Capacitor
Noise on both regulator outputs (VOUT1 and VOUT2) can be significantly reduced by connecting a 0.01µF capacitor
between pin BYPASS and GND (see Figure 15), with virtually no effect on the transient response of the AS13986.
Using a bypass capacitor will also prevent output overshoot during start up. This capacitor should be connected
directly to a high-impedance node in the band gap reference circuit. See also Fast Turn-On Time on page 8.
Note: Any significant loading on the high-impedance node will effect the regulated output voltage. For this reason,
DC leakage current through pin BYPASS must be kept as low as possible for best output voltage accuracy.
High-quality ceramic capacitors with NPO or COG dielectric are ideal as bypass capacitors as they typically exhibit
very low leakage current. Polypropylene and polycarbonate film capacitors are also a good choice as these capacitors
typically have extremely low leakage current and are available in small surface-mount packages.
Layout and Grounding Considerations
Well designed PC board layout is essential for optimizing device performance. In addition to providing electrical con-
nections, the AS13986 pins also channel heat away from the die.
!
Wide circuit-board traces and large, solid copper polygons should be used to improve power dissipation.
!
Multiple vias to buried ground planes should be used to further enhance thermal conductivity.


Similar Part No. - AS13986-2828-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13986-2828-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP707 ONSEMI-NCP707_17 Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Semtech Corporation
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
ON Semiconductor
LM2935 ONSEMI-LM2935 Datasheet
125Kb / 8P
   LOW DROPOUT DUAL VOLTAGE REGULATOR
1996 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com