Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13986-1833-T Datasheet(PDF) 6 Page - ams AG

Part # AS13986-1833-T
Description  Dual Low-Noise, Low-Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13986-1833-T Datasheet(HTML) 6 Page - ams AG

Back Button AS13986-1833-T Datasheet HTML 2Page - ams AG AS13986-1833-T Datasheet HTML 3Page - ams AG AS13986-1833-T Datasheet HTML 4Page - ams AG AS13986-1833-T Datasheet HTML 5Page - ams AG AS13986-1833-T Datasheet HTML 6Page - ams AG AS13986-1833-T Datasheet HTML 7Page - ams AG AS13986-1833-T Datasheet HTML 8Page - ams AG AS13986-1833-T Datasheet HTML 9Page - ams AG AS13986-1833-T Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 13
AS13986
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified)
Figure 5. Output Voltage vs. Temperature;
Figure 6. Output Voltage vs. Temperature;
VIN = 3.3V, VSHDN = 1.4V, IOUT = 0mA
VIN = 3.3V, VSHDN = 1.4V, IOUT = 150mA
Figure 7. Load Regulation vs. Temperature;
Figure 8. Line Regulation vs. Temperature;
VIN = 3.3V, VSHDN = 1.4V, IOUT = 1 to 150mA
VIN = 3.3 to 4.5V, VSHDN =1.4V, IOUT =1mA
Figure 9. Quiescent Current vs. Temperature;
Figure 10. Quiescent Current vs. Temperature;
VOUT = 2.8V, VIN = 3.3V, IOUT = 150mA, VSHDN = 1.4V
VOUT = 2.8V, VIN = 3.3V, IOUT = 0mA, VSHDN = 1.4V
2.6
2.65
2.7
2.75
2.8
2.85
2.9
-50 -25
0
25
50
75 100 125 150
Temperature (°C)
2.6
2.65
2.7
2.75
2.8
2.85
2.9
-50 -25
0
25
50
75 100 125 150
Tem perature (°C)
VOUT1
VOUT2
VOUT1
VOUT2
0
0.05
0.1
0.15
0.2
0.25
0.3
-50 -25
0
25
50
75 100 125 150
Tem perature (°C)
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
-50 -25
0
25
50
75 100 125 150
Temperature (°C)
VOUT1
VOUT2
VOUT1
VOUT2
75
100
125
150
175
200
225
-50
-25
0
25
50
75
100 125 150
Tem perature (°C)
200
225
250
275
300
325
350
-50 -25
0
25
50
75 100 125 150
Temperature (°C)


Similar Part No. - AS13986-1833-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13986-1833-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP707 ONSEMI-NCP707_17 Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Semtech Corporation
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
ON Semiconductor
LM2935 ONSEMI-LM2935 Datasheet
125Kb / 8P
   LOW DROPOUT DUAL VOLTAGE REGULATOR
1996 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com