Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ17A Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # P6SMBJ17A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

P6SMBJ17A Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  P6SMBJ17A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. P6SMBJ17A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. P6SMBJ17A Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. P6SMBJ17A Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
FEATURES
For surface mounted applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.01%
Fast response time: typically less then 1.0 ps
from 0 volts to BV for unidirectional types
Typical ID less then 1 A above 10V
0
High tempreature soldering:260 C/10 seconds
at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA
Case:JEDEC DO-214AA molded plastic over passivated junction
Terminals:Solder plated solderable per MIL-STD-750, Method 2026
Polarity:Color band denotes positive end (cathode) except Bidirectional
Standard Packaging: 12mm tape (EIA STD EIA-481-1)
Weight:0.003 ounce, 0.093 gram
265
VOLTAGE 5.0 to 170 VOLTS
PEAK PULSE POWER 600 WATTS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
RATINGS
SYMBOL
Operating Junction and Storage Temperature Range
PPPM
IFSM
IPPM
TJ, TSTG
VALUE
Minimum 600
100.0
See Table 1
-55 to + 150
Amps
UNITS
0
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
2. Measured on 5.0mm2 (0.13mm thick) land areas
3. Measured on 8.3mm, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
Amps
Watts
0C
Peak Pulse Power Dissipation on 10/1000
s (NOTE 1,2,Fig.1)
Peak Pulse on Current 10/1000
s waveform (NOTE 1,Fig.3)
Peak forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)(NOTE 2,3)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
SMB/DO-214AA
Dimensions in inches and (millimeters)
P6SMBJ SERIES


Similar Part No. - P6SMBJ17A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ17A PANJIT-P6SMBJ17A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
P6SMBJ17A PANJIT-P6SMBJ17A Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ17A SURGE-P6SMBJ17A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ17A FRONTIER-P6SMBJ17A Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ17A TRSYS-P6SMBJ17A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ17A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com