Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1952 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1952
Description  1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1952 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1952 Datasheet HTML 1Page - Maxim Integrated Products MAX1952 Datasheet HTML 2Page - Maxim Integrated Products MAX1952 Datasheet HTML 3Page - Maxim Integrated Products MAX1952 Datasheet HTML 4Page - Maxim Integrated Products MAX1952 Datasheet HTML 5Page - Maxim Integrated Products MAX1952 Datasheet HTML 6Page - Maxim Integrated Products MAX1952 Datasheet HTML 7Page - Maxim Integrated Products MAX1952 Datasheet HTML 8Page - Maxim Integrated Products MAX1952 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1MHz, All-Ceramic, 2.6V to 5.5V Input,
2A PWM Step-Down DC-to-DC Regulators
4
_______________________________________________________________________________________
Note 3: Specifications to -40°C are guaranteed by design and not production tested.
Note 4: The LX output is designed to provide 2.4A RMS current.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = 3.3V, PGND = GND, FB in regulation, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMP
MAX1951
40
80
COMP Transconductance
From FB to COMP, VCOMP = 1.25V
MAX1952
26.7
53.3
µS
COMP Clamp Voltage, Low
VIN = 2.6V to 5.5V, VFB = 1.3V
0.6
1.2
V
COMP Clamp Voltage, High
VIN = 2.6V to 5.5V, VFB = 1.1V
1.97
2.28
V
COMP Shutdown Resistance
From COMP to GND, VIN = 2V
30
Ω
COMP rising
1.2
COMP Shutdown Threshold
When LX starts/stops switching
COMP falling
0.17
V
COMP Startup Current
COMP = GND
14
40
µA
FB
Output Voltage Range
(MAX1951)
When using external feedback resistors to drive FB
0.8
VIN
V
MAX1951
0.783
0.807
FB Regulation Voltage
(Error Amp Only)
VCOMP = 1V to 2V, VIN = 2.6V to 5.5V
MAX1952
1.764
1.836
V
FB Input Resistance
From FB to GND
MAX1952
10
30
k
Ω
FB Input Bias Current
MAX1951
-0.1
+0.1
µA
LX (Note 4)
LX On-Resistance, PMOS
266
m
Ω
LX On-Resistance, NMOS
206
m
Ω
LX Current Sense
From LX to COMP, VIN = 2.6V to 5.5V
0.16
0.35
Ω
LX Current-Limit Threshold
Duty cycle = 100%, VIN = 2.6V to 5.5V, high side
2.4
4.5
A
VLX = 5.5V
10
LX Leakage Current
VIN = 5.5V
LX = GND
-10
µA
LX Switching Frequency
VIN = 2.6V to 5.5V
0.8
1.1
MHz
LX Maximum Duty Cycle
VCOMP = 1.5V, LX = Hi-Z, VIN = 2.6V to 5.5V
100
%


Similar Part No. - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1952 MAXIM-MAX1952 Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX1952 MAXIM-MAX1952 Datasheet
102Kb / 3P
   No External Schottky Diode Required
Rev 0; 12/02
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX19527 MAXIM-MAX19527 Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results

Similar Description - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com