Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PER-C40C-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # PER-C40C-A10
Description  Mini PCI Single Channel Video Capture Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PER-C40C-A10 Datasheet(HTML) 1 Page - AAEON Technology

  PER-C40C-A10 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
Compact
Boards
02
SubCompact
Boards
03
Embedded
Motherboards
04
PC/104 CPU
Modules
05
COM Express
CPU Modules
06
ETX CPU
Modules
07
RISC CPU
Modules
08
Media PCs
09
Mini PCI
Modules
10
PC/104
Peripheral
Modules
11
Full-size SBC
12
Half-size SBC
13
Accessories
Computing Platform Service Partner
09-1
Note: All specifications are subject to change without notice.
09-2
www.aaeon.com
09-1
Note: All specifications are subject to change without notice.
09-2
www.aaeon.com
PER-V30C
Mini PCI Single Channel Video Capture Module
Form Factor
Mini PCI Type III B 1.8” x 2.35” (44.5mm x 59.6mm)
Video Decoder
Philips SAA7135
Video Input
CVBS & S-Video
Video Format Support
NTSC & PAL
Sample Rate
720 pixels/line
Software Support
Windows® 2000/XP WDM driver for DirectShow based application
Operating Temperature
32ºF ~ 140ºF (0ºC ~ 60ºC )
Specifications
CVBS In & S-video In & Audio-in connector
Audio-out connector
Features
Mini PCI Type III Interface
Single Channel Video Capture with Philips SAA7135
NTSC/PAL Video Format Support
TF-PER-V30C-A10
Mini PCI, Single Channel Video Capture Module with Philips SAA7135, Rev. A1.0
PER-V30C-A10
Mini PCI Single Channel Video Capture Module with Philips SAA7135
Ordering Information
Features
Mini PCI Type III Interface
Two or Four RS-232 Ports Onboard
Full Duplex Serial Communication
TF-PER-C40C-A10
Mini PCI 2-port RS-232 Module Rev. A1.0
TF-PER-C40C-A10-01
Mini PCI 4-port RS-232 Module Rev. A1.0
PER-C40C-A10
Mini PCI 2-port RS-232 Module Rev. A1.0
PER-C40C-A10-01
Mini PCI 4-port RS-232 Module Rev. A1.0
Ordering Information
PER-C40C
Mini PCI 2/4 RS-232 COM Port Module
Form Factor
Mini PCI Type III A 2” x 2.35” (50.8mm x 59.6mm)
UART Chipset
OXFORD OXmPCI952 or OXmPCI954
Power Requirement
+3.3V
Operating Temperature
32ºF ~ 140ºF (0ºC ~ 60ºC )
Specifications


Similar Part No. - PER-C40C-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-C40C AAEON-PER-C40C Datasheet
181Kb / 1P
   Mini PCI Module With 4 RS-232 COM Ports
More results

Similar Description - PER-C40C-A10

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
   Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
AAEON Technology
PER-V36C AAEON-PER-V36C Datasheet
176Kb / 1P
   Mini PCIe Video Capture Module
logo
List of Unclassifed Man...
BT848 ETC-BT848 Datasheet
1Mb / 141P
   Single-Chip Video Capture for PCI
logo
Advantech Co., Ltd.
DVP-7633E ADVANTECH-DVP-7633E Datasheet
907Kb / 2P
   4-ch H.264 mini-PCI Video Capture Module with SDK
logo
AAEON Technology
PER-V05V AAEON-PER-V05V Datasheet
138Kb / 1P
   Mini PCI Video Module
TF-PER-M07 AAEON-TF-PER-M07 Datasheet
149Kb / 1P
   Mini-PCI Capture Card
logo
Advantech Co., Ltd.
DVP-7631E ADVANTECH-DVP-7631E Datasheet
785Kb / 2P
   4-ch H.264 PCI-104 Video Capture Module with SDK
logo
List of Unclassifed Man...
BT878 ETC-BT878 Datasheet
8Mb / 158P
   Single-Chip Video and Broadcast Audio Capture for the PCI Bus
HDV62A ETC1-HDV62A Datasheet
422Kb / 2P
   One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
logo
Adlink Technology Inc.
PCIE-HDV62A ADLINK-PCIE-HDV62A Datasheet
367Kb / 1P
   One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com