Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5971A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5971A
Description  Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5971A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5971A Datasheet HTML 7Page - Maxim Integrated Products MAX5971A Datasheet HTML 8Page - Maxim Integrated Products MAX5971A Datasheet HTML 9Page - Maxim Integrated Products MAX5971A Datasheet HTML 10Page - Maxim Integrated Products MAX5971A Datasheet HTML 11Page - Maxim Integrated Products MAX5971A Datasheet HTML 12Page - Maxim Integrated Products MAX5971A Datasheet HTML 13Page - Maxim Integrated Products MAX5971A Datasheet HTML 14Page - Maxim Integrated Products MAX5971A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
______________________________________________________________________________________ 11
Single-Port, 40W, IEEE 802.3af/802.3at PSE
Controller with Integrated MOSFET
Pin Description
Pin Configuration
26
27
25
24
10
9
11
12
1
2
OUTP
4
5
6
7
20
21
19
17
16 15
OUT
OUT
VEE_DIG
I.C.
I.C.
I.C.
MAX5971A
3
18
28
8
N.C.
I.C.
N.C.
23
13 LEGACY
DET
22
14 EN
*EXPOSED PAD, CONNECT TO AGND.
*EP
N.C.
THIN QFN
TOP VIEW
+
PIN
NAME
FUNCTION
1, 2, 3
VEE
Analog Low-Side Supply Input. Bypass with an external 100V, 47FF capacitor in parallel with a
100V, 0.1FF ceramic capacitance between AGND and VEE.
4
ILIM1
Class 5 Current-Limit Digital Adjust 1. Referenced to VEE. ILIM1 is internally pulled up to the digital
supply. Use ILIM1 with ILIM2 to enable Class 5 operation and to adjust the Class 5 current-limit
value. See the Electrical Characteristics table and Table 3 in the Class 5 PD Classification section
for details.
5
ILIM2
Class 5 Current-Limit Digital Adjust 2. Referenced to VEE. ILIM2 is internally pulled up to the digital
supply. Use ILIM2 with ILIM1 to enable Class 5 operation and to adjust the Class 5 current-limit
value. See the Electrical Characteristics table and Table 3 in the Class 5 PD Classification section
for details.
6
PWMEN
PWM Control Logic Input. Referenced to VEE. PWMEN is internally pulled up to the digital sup-
ply. Leave unconnected to enable the internal PWM to drive the LED pin. Force low to disable the
internal PWM.
7
MIDSPAN
Detection Collision Avoidance Logic Input. Referenced to VEE. MIDSPAN is internally pulled up
to the digital supply. Leave unconnected to activate the detection collision avoidance circuitry
for midspan PSE systems. Force low to disable this function for an end-point PSE system. The
MIDSPAN logic level latches after the device is powered up or after a reset condition.
8–11, 15
I.C.
Internally Connected. Connect I.C. to VEE.
12
VEE_DIG
Digital Low-Side Supply Input. Connect to VEE externally.


Similar Part No. - MAX5971A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5971B MAXIM-MAX5971B Datasheet
3Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
MAX5971B MAXIM-MAX5971B Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971BETI++ MAXIM-MAX5971BETI+ Datasheet
3Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
MAX5971BETI++ MAXIM-MAX5971BETI+ Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
More results

Similar Description - MAX5971A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5984 MAXIM-MAX5984 Datasheet
2Mb / 22P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 12/11
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971B MAXIM-MAX5971B Datasheet
3Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
logo
Linear Technology
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
logo
Linear Technology
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com