Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3096EEE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3096EEE+
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3096EEE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3096EEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX3096EEE+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
_______________Detailed Description
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges (ESD) encountered during handling
and assembly. The MAX3095/MAX3096 receiver inputs
have extra protection against static electricity found in
normal operation. Maxim’s engineers developed state-
of-the-art structures to protect these pins against ±15kV
ESD, without damage. After an ESD event, the MAX3095/
MAX3096 continue working without latchup.
ESD protection can be tested in several ways. The
receiver inputs are characterized for protection to the
following:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact-Discharge Method specified
in IEC 1000-4-2 (formerly IEC 801-2)
3) ±15kV using the Air-Gap Method specified in
IEC 1000-4-2 (formerly IEC 801-2)
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 4a shows the Human Body Model, and Figure
4b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the device through a
1.5k
Ω resistor.
IEC 1000-4-2
Since January 1996, all equipment manufactured and/or
sold in the European community has been required to
meet the stringent IEC 1000-4-2 specification. The IEC
1000-4-2 standard covers ESD testing and performance
of finished equipment; it does not specifically refer to inte-
grated circuits. The MAX3095/MAX3096 help you design
equipment that meets Level 4 (the highest level) of IEC
1000-4-2, without additional ESD-protection components.
The main difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2. Because series resistance is
lower in the IEC 1000-4-2 ESD test model (Figure 5a), the
ESD-withstand voltage measured to this standard is gen-
erally lower than that measured using the Human Body
Model. Figure 5b shows the current waveform for the
±8kV IEC 1000-4-2 Level 4 ESD Contact-Discharge test.
The Air-Gap test involves approaching the device with a
charge probe. The Contact-Discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD testing uses a 200pF stor-
age capacitor and zero-discharge resistance. It mimics
the stress caused by handling during manufacturing
and assembly. Of course, all pins (not just RS-485
inputs) require this protection during manufacturing.
Therefore, the Machine Model is less relevant to the I/O
ports than are the Human Body Model and IEC 1000-4-2.
Low-Power Shutdown Mode
Table 1 shows the functionality of the enable inputs.
The MAX3095/MAX3096 enter shutdown when G is low
and G is high. In shutdown, all outputs go high imped-
ance and the devices typically draw less than 1nA. The
devices exit shutdown by taking G high or G low. The
typical shutdown exit time is 600ns.
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
Table 1. Function Table
OUTPUT
Y
DEVICE
MODE
G
G
(A - B)
On
1
X
≥ 200mV
1
On
1
X
≤ -200mV
0
1
X
Open
1
On
X
0
≥ 200mV
1
On
X
0
≤ -200mV
0
On
X
0
Open
1
On
0
1
X
High-Z
Shutdown
X = don’t care, High-Z = high impedance
8
_______________________________________________________________________________________


Similar Part No. - MAX3096EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3096EEE MAXIM-MAX3096EEE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3096EEE MAXIM-MAX3096EEE Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results

Similar Description - MAX3096EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com