Selected language     English  ▼


TC54VN2702EZB713 Datasheet(PDF) 11 Page - Microchip Technology

Part No. TC54VN2702EZB713
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

 11 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 11
TC54
APPENDIX A:
REVISION HISTORY
Revision H (December 2007)
• Updated Features section.
• Removed 5-Pin SOT-23 related information.
• Updated Output Current (IOUT) Electrical
Specification.
• Removed 7.7V (typical) Voltage Trip Point Option.
Max Trip Point Voltage is now 6.0V.
• Updated Pin Function Table.
• Updated Packaging Specification Information.
• Added Revision History section.
• Updated Product Identification System page.
Revision G (August 2004)
• Undocumented changes.
Revision F (July 2004)
• Undocumented changes.
Revision E (April 2003)
• Undocumented changes.
Revision D (October 2002)
• Undocumented changes.
Revision C (July 2002)
• Undocumented changes.
Revision B (May 2002)
• Undocumented changes.
Revision A (March 2001)
• Original Release of this Document.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl