Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6365HKA__-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6365HKA__-T
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6365HKA__-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6365HKA__-T Datasheet HTML 1Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 2Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 3Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 4Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.4V to +5.5V, VBATT = +3.0V, CE IN = VCC, reset not asserted, TA = -40°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltages (with respect to GND)
VCC, BATT, OUT.......................................................-0.3V to +6V
RESET (open drain), RESET (open drain) ................-0.3V to +6V
BATT ON, RESET (push-pull), RESET IN,
WDI, CE IN, CE OUT ...........................-0.3V to (VOUT + 0.3V)
MR ..............................................................-0.3V to (VCC + 0.3V)
Input Current
VCC Peak ..............................................................................1A
VCC Continuous .............................................................250mA
BATT Peak .....................................................................250mA
BATT Continuous .............................................................40mA
GND ...............................................................................75mA
Output Current
OUT ...............................Short-Circuit Protected for up to 10s
RESET, RESET, BATT ON, CE OUT...............................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.75mW/°C above +70°C)........700mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature .....................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
(Note 2)
VCC, VBATT No load
0
5.5
V
VCC = 2.8V
10
30
VCC = 3.6V
12
35
Supply Current
(Excluding IOUT)
ICC
No load, VCC > VTH
VCC = 5.5V
15
50
µA
TA = +25
°C1
Supply Current in Battery-
Backup Mode (Excluding IOUT)
IBACK
VBATT = 2.8V,
VCC = 0
TA = -40
°C to +85°C3
µA
TA = +25
°C
-0.10
+0.02
BATT Standby Current
IBATT
5.5V > VCC > (VBATT
+ 0.2V)
TA = -40
°C to +85°C
-1.00
+0.02
µA
VCC = 4.75V, IOUT = 150mA
3.1
VCC = 3.15V, IOUT = 65mA
3.7
VCC to OUT On-Resistance
RON
VCC = 2.38V, IOUT = 25mA
4.6
Ω
VBATT = 4.5V, IOUT = 20mA
VBATT -
0.2
VBATT = 3.0V, IOUT = 10mA
VBATT -
0.15
Output Voltage in Battery-
Backup Mode
VOUT
VBATT = 2.25V, IOUT = 5mA
VBATT -
0.15
V
Power-up
20
Battery-Switchover Threshold
(VCC - VBATT)
VSW
VCC < VTH
Power-down
-20
mV
MAX636_ _KA46
4.50
4.63
4.75
MAX636_ _KA44
4.25
4.38
4.50
MAX636_ _KA31
3.00
3.08
3.15
MAX636_ _KA29
2.85
2.93
3.00
MAX636_ _KA26
2.55
2.63
2.70
Reset Threshold
VTH
MAX636_ _KA23
2.25
2.32
2.38
V
VCC Falling Reset Delay
tRD
VCC falling at 10V/ms
20
µs


Similar Part No. - MAX6365HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365HKA23-T MAXIM-MAX6365HKA23-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA26-T MAXIM-MAX6365HKA26-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA29-T MAXIM-MAX6365HKA29-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA31-T MAXIM-MAX6365HKA31-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA44-T MAXIM-MAX6365HKA44-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
More results

Similar Description - MAX6365HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com