Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6365HKA__-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6365HKA__-T
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6365HKA__-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6365HKA__-T Datasheet HTML 2Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 3Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 4Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 9Page - Maxim Integrated Products MAX6365HKA__-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
6
_______________________________________________________________________________________
1.234
1.235
1.236
MAX6368
RESET IN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
1.0
1.9
1.6
1.3
2.8
2.5
2.2
MAX6368
RESET IN TO RESET PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
VOD = 50mV
0
1
3
2
4
5
CLOAD (pF)
0100
50
150
200
CHIP-ENABLE PROPAGATION DELAY
vs. CE OUT LOAD CAPACITANCE
CE IN = 0 TO VCC
DRIVER SOURCE
IMPEDANCE = 50
Ω
VCC = 3V
VCC = 5V
0
5
15
10
20
25
-40
0
-20
20
40
60
80
TEMPERATURE (
°C)
CE IN TO CE OUT ON-RESISTANCE
vs. TEMPERATURE
VCC = 3.0V
VCC = 5.0V
VCE IN = VCC/2
VBATT = 0
1.0
1.3
1.2
1.1
1.5
1.4
1.9
1.8
1.7
1.6
2.0
-40
-20
0
20
40
60
80
TEMPERATURE (
°C)
MAX6366
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
VCC = 5.0V
VBATT = 0
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6365HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365HKA23-T MAXIM-MAX6365HKA23-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA26-T MAXIM-MAX6365HKA26-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA29-T MAXIM-MAX6365HKA29-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA31-T MAXIM-MAX6365HKA31-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA44-T MAXIM-MAX6365HKA44-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
More results

Similar Description - MAX6365HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com