Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6366HKA__-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6366HKA__-T
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6366HKA__-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6366HKA__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 9Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 10Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 11Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 12Page - Maxim Integrated Products MAX6366HKA__-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
_______________________________________________________________________________________
9
OUT goes high and stays high regardless of any sub-
sequent transitions on CE IN during the reset event.
When CE OUT is disconnected from CE IN, CE OUT is
actively pulled up to OUT.
The propagation delay through the chip-enable circuit-
ry depends on both the source impedance of the drive
to CE IN and the capacitive loading at CE OUT. The
chip-enable propagation delay is production tested
from the 50% point of CE IN to the 50% point of CE
OUT, using a 50
Ω driver and 50pF load capacitance.
Minimize the capacitive load at CE OUT to minimize
propagation delay, and use a low-output-impedance
driver.
Backup-Battery Switchover
In a brownout or power failure, it may be necessary to
preserve the contents of the RAM. With a backup bat-
tery installed at BATT, the MAX6365–MAX6368 auto-
matically switch the RAM to backup power when VCC
falls. The MAX6367 has a BATT ON output that goes
high in battery-backup mode. These devices require
two conditions before switching to battery-backup
mode:
1) VCC must be below the reset threshold.
2) VCC must be below VBATT.
Table 1 lists the status of the inputs and outputs in bat-
tery-backup mode. The devices do not power up if the
only voltage source is on BATT. OUT only powers up
from VCC at startup.
Manual Reset Input (MAX6365 Only)
Many µP-based products require manual reset capabili-
ty, allowing the user or external logic circuitry to initiate a
reset. For the MAX6365, a logic low on MR asserts reset.
Reset remains asserted while MR is low and for a mini-
mum of 150ms (tRP) after it returns high. MR has an inter-
nal 20k
Ω pullup resistor to VCC. This input can be driven
with TTL/CMOS logic levels or with open-drain/collector
outputs. Connect a normally open momentary switch
from MR to GND to create a manual reset function; exter-
nal debounce circuitry is not required. If MR is driven
from long cables or the device is used in a noisy environ-
ment, connect a 0.1µF capacitor from MR to GND to pro-
vide additional noise immunity.
Figure 1. Reset and Chip-Enable Timing
VCC OR BATT
RESET
THRESHOLD VTH
RESET
CE IN
CE OUT
RESET
*
tRD
tRD
tRP
tRP
IF CE IN GOES HIGH BEFORE RESET ASSERTS,
CE OUT GOES HIGH WITHOUT DELAY AS
CE IN GOES HIGH.
RESET-TO-CE OUT DELAY (12
μs)
*
PIN
STATUS
VCC
Disconnected from OUT
OUT
Connected to BATT
BATT
Connected to OUT. Current drawn from
the battery is less than 1
μA (at VBATT =
2.8V, excluding IOUT) when VCC = 0.
RESET/RESET
Asserted
BATT ON
High state
MR, RESET IN,
CE IN, WDI
Inputs ignored
CE OUT
Connected to OUT
Table 1. Input and Output Status in
Battery-Backup Mode


Similar Part No. - MAX6366HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6366HKA23-T MAXIM-MAX6366HKA23-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6366HKA26-T MAXIM-MAX6366HKA26-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6366HKA29-T MAXIM-MAX6366HKA29-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6366HKA31-T MAXIM-MAX6366HKA31-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6366HKA44-T MAXIM-MAX6366HKA44-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
More results

Similar Description - MAX6366HKA__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com