Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC54VN2702EZB Datasheet(PDF) 4 Page - Microchip Technology

Part # TC54VN2702EZB
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VN2702EZB Datasheet(HTML) 4 Page - Microchip Technology

  TC54VN2702EZB Datasheet HTML 1Page - Microchip Technology TC54VN2702EZB Datasheet HTML 2Page - Microchip Technology TC54VN2702EZB Datasheet HTML 3Page - Microchip Technology TC54VN2702EZB Datasheet HTML 4Page - Microchip Technology TC54VN2702EZB Datasheet HTML 5Page - Microchip Technology TC54VN2702EZB Datasheet HTML 6Page - Microchip Technology TC54VN2702EZB Datasheet HTML 7Page - Microchip Technology TC54VN2702EZB Datasheet HTML 8Page - Microchip Technology TC54VN2702EZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC54
DS21434H-page 4
© 2007 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Digital Output (VOUT)
VOUT goes low when VIN drops below VDET – and
returns high when VIN rises above VDET – + VHYST.
(See Figure 3-1).
2.2
Analog Input (VIN)
VIN can be used for power supply monitoring or a
voltage level that requires monitoring.
2.3
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
2.4
No Connect (NC)
No internal connection.
Pin No.
(3-Pin SOT-23A)
Pin No.
(3-Pin SOT-89)
Pin No.
(3-Pin TO-92)
Symbol
Description
11
1
VOUT
Digital Output
32
2
VIN
Analog Input
23
3
VSS
Ground Terminal
—Tab
VIN
Analog Input


Similar Part No. - TC54VN2702EZB

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC54VN2702EZB TELCOM-TC54VN2702EZB Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54VN2702EZB713 MICROCHIP-TC54VN2702EZB713 Datasheet
257Kb / 20P
   Voltage Detector
05/02/11
logo
TelCom Semiconductor, I...
TC54VN2702EZBRTP TELCOM-TC54VN2702EZBRTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
TC54VN2702EZBSTP TELCOM-TC54VN2702EZBSTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
More results

Similar Description - TC54VN2702EZB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com