Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9081 Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM9081
Description  10BASE-T Hub Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081 Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM9081 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DM9081
10BASE-T Hub Controller
4
Final
Version: DM9081-DS-F02
February 02, 2001
Pin Description
Pin No.
Pin Name
I/O
Description
Transceiver
100, 1
99, 2
34, 31
33, 32
39, 36
38, 37
44, 41
43, 42
49, 46
48, 47
84, 87
85, 86
89, 92
90, 91
94, 97
95, 96
DTPO3+/-
TPO3+/-
TPO4+/-
DTPO4+/-
TPO5+/-
DTPO5+/-
TPO6+/-
DTPO6+/-
TPO7+/-
DTPO7+/-
TPO0+/-
DTPO0+/-
TPO1+/-
DTPO1+/-
TPO2+/-
DTPO2+/-
O
TP Driver Outputs. The TPO+/- output generate 10Mbits/s
Manchester-encoded data. The DTPO+/- outputs are one-half bit
time delayed and inverted with respect to TPO+/-. These four
outputs provide the TP drivers with pre-distortion capability
52, 51
54, 53
56, 55
58, 57
60, 59
62, 61
64, 63
66, 65
RXD7+/-
RXD6+/-
RXD5+/-
RXD4+/-
RXD3+/-
RXD2+/-
RXD1+/-
RXD0+/-
I
10BASE-T Port Different Data Receivers
70, 69
76, 75
TXP1, TXN1
TXP2, TXN2
O
AUI Port Different Data Drivers. The outputs are source followers
that require a 270
Ω pull-down resistor
72, 71
78, 77
RXP1, RXN1
RXP2, RXN2
I
AUI Port Differential Receive Input Pair
74, 73
80, 79
CDP1, CDN1
CDP2, CDN2
I
AUI Port Different Collision Input Pair
Expansion Port
24
EXPOUT#
O
The assertion of this signal indicates that DM9081 is transmitting
data on DAT pins. It is active low
22
EXPIN#
I
The assertion of this signal indicates that DM9081 is receiving data
on DAT pins. The receiving data will be broadcast to the other
ports. It is active low and is internally pulled high with a 100K
resistor
23
DAT
I/O,Z
The DAT pins of all DM9081 chips are inter-connected. The active
DM9081 drives DAT with repeated data or jam signals in NRZ
format. The inactive DM9081 receives the repeated data or jam
signals from the DAT pin


Similar Part No. - DM9081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9081 ETC-DM9081 Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Pulse A Technitrol Comp...
DM9081 PULSE-DM9081 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9081F ETC-DM9081F Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Davicom Semiconductor, ...
DM9081F DAVICOM-DM9081F Datasheet
38Kb / 2P
   10BASE-T Hub Controller
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
More results

Similar Description - DM9081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9081 ETC-DM9081 Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Davicom Semiconductor, ...
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
   10Base-T Hub Module
logo
Level One
LXT917 LVL1-LXT917 Datasheet
3Mb / 42P
   Multi-Port Hub Repeaters for Managed 10BASE-T Applications
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066_15 Datasheet
171Kb / 1P
   10Base-T Hub Module with Enhanced CMA and Resistor Network
logo
Fujitsu Component Limit...
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
   EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
XFMRS Inc.
XF2006BR XFMRS-XF2006BR Datasheet
57Kb / 1P
   10BASE-T FILTER
XF20062C XFMRS-XF20062C Datasheet
65Kb / 1P
   10BASE-T FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com