Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1GDOM40H-S Datasheet(PDF) 5 Page - Transcend Information. Inc.

Part # TS1GDOM40H-S
Description  40-Pin IDE Flash Module (Horizontal)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM40H-S Datasheet(HTML) 5 Page - Transcend Information. Inc.

  TS1GDOM40H-S Datasheet HTML 1Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 2Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 3Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 4Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 5Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 6Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 7Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 8Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 8
8
8G
G
GD
D
DO
O
OM
M
M4
4
40
0
0H
H
H---S
S
S
Transcend Information Inc.
Ver 1.3
5
PCB Dimension (unit : mm)
TOP Side IDE 40pin Female (Default)
TOP Side IDE 40pin Male


Similar Part No. - TS1GDOM40H-S

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1GDOM40V TRANSCEND-TS1GDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS1GDOM40V-S TRANSCEND-TS1GDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
More results

Similar Description - TS1GDOM40H-S

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com