Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5120AZ Datasheet(PDF) 11 Page - Cyrustek corporation

Part # ES5120AZ
Description  3 3/4 DIGIT A/D CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5120AZ Datasheet(HTML) 11 Page - Cyrustek corporation

Back Button ES5120AZ Datasheet HTML 7Page - Cyrustek corporation ES5120AZ Datasheet HTML 8Page - Cyrustek corporation ES5120AZ Datasheet HTML 9Page - Cyrustek corporation ES5120AZ Datasheet HTML 10Page - Cyrustek corporation ES5120AZ Datasheet HTML 11Page - Cyrustek corporation ES5120AZ Datasheet HTML 12Page - Cyrustek corporation ES5120AZ Datasheet HTML 13Page - Cyrustek corporation ES5120AZ Datasheet HTML 14Page - Cyrustek corporation ES5120AZ Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ES5120
3 3/4 DIGIT A/D CONVERTER
Pin No. Pin No.
(40-pin (44-pin Flat
Package) Package) Symbol Descrlption
23
19
BUZIN
Buzzer control input. Connecting BUZIN to V+ turns the buzzer
on. BUZIN is logically ORed(internally) with the "logic level low"
input. There is an internal 5μA pulldown to DGND.
24
20
FREQ/
VOLTS
Voltage or frequency measurement select input. When connected to
DGND, the a-d converter function is active. When connected to V
the frequency counter function is active. This pin has an internal
5μA pulldown to DGND.
25
21
PKHOLD Peak Hold input. When connected to V+, the converter will only
update the display if a new conversion value is greater than the
preceeding value. Thus, the peak reading will be stored and held
indefinitely. When unconnected or connected to DGND, the
converter will operate normally. This pin has an internal 5μA
pulldown to DGND.
(Note : This pin may be with the function of EOC/HOLD which
depends on chip bonding.)
22
UR
Underrange output. This output will be high when the digital
reading is 380 counts or less.
23
OR
Overrange output. This output will be high when the analog signal
input is greater than full scale. The LCD will display "OL" when
the input is overranged.


Similar Part No. - ES5120AZ

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES5120AZ ESS-ES5120AZ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

Similar Description - ES5120AZ

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com