Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51963 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51963
Description  4 1/2 DMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51963 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51963 Datasheet HTML 1Page - Cyrustek corporation ES51963 Datasheet HTML 2Page - Cyrustek corporation ES51963 Datasheet HTML 3Page - Cyrustek corporation ES51963 Datasheet HTML 4Page - Cyrustek corporation ES51963 Datasheet HTML 5Page - Cyrustek corporation ES51963 Datasheet HTML 6Page - Cyrustek corporation ES51963 Datasheet HTML 7Page - Cyrustek corporation ES51963 Datasheet HTML 8Page - Cyrustek corporation ES51963 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2003/9/1
1
ES51963
4 1/2 DMM
Features
• 22000 counts, adjustable
• PEAK Hold function with calibration
mode
• Input signal full scale = 220 mV
(sensitivity = 10 uV/count)
• X10 function (sensitivity = 1 uV/count)
• Conversion rate selectable
• On chip buzzer driving, frequency
selectable
• Low battery detection
• Zero calibration for eliminating offset
error
• Using 5V or 3V microprocessor
• I/O port with microprocessor (3 pins)
• Two formats for data acquisition
• single 5V or 6V DC power supply
(V+ to V-)
• 28 pin SOP package
General Description
ES51963 is a 22000 counts dual-slope
analog-to-digital converter (ADC) with X10
and PEAK Hold functions. The conversion
rate and buzzer frequency can be selected or
decided by an external microprocessor. The
conversion rate can vary from 2 times/sec to
100 times/sec under 4 MHz operating clock.
The buzzer frequency can be chosen to be
audible among operating clock frequency
range from 400 KHz to 6 MHz. In addition,
other functions for low battery detection, on
chip buzzer driving, and I/O port with micro-
processor are also provided.
Absolute Maximum Ratings
Characteristic
Rating
Positive Supply Voltage
(V+ to AGND)
3.5V
Negative Supply Voltage
(V- to AGND)
-3.5V
Analog I/O Voltage
((V-) - 0.5V) to ((V+) + 0.5V)
Digital I/O Voltage
((V-) - 0.5V) to ((V+) + 0.5V)
Power Dissipation
800mW
Operating Temperature
0
°C to 70°C
Storage Temperature
-25
°C to 125°C
Lead Temperature
(soldering, 10sec)
270
°C
TAIWAN PATENT NO. 476418
U.S. PATENT NO. 6,429,696


Similar Part No. - ES51963

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Similar Description - ES51963

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX134CMH MAXIM-MAX134CMH Datasheet
982Kb / 20P
   3 3/4 Digit DMM Circuit
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com