Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51982 Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES51982
Description  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES51982 Datasheet HTML 5Page - Cyrustek corporation ES51982 Datasheet HTML 6Page - Cyrustek corporation ES51982 Datasheet HTML 7Page - Cyrustek corporation ES51982 Datasheet HTML 8Page - Cyrustek corporation ES51982 Datasheet HTML 9Page - Cyrustek corporation ES51982 Datasheet HTML 10Page - Cyrustek corporation ES51982 Datasheet HTML 11Page - Cyrustek corporation ES51982 Datasheet HTML 12Page - Cyrustek corporation ES51982 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
08/09/09
9
ES51982
3 1/2 CAP AUTO DMM
1.7 Frequency counter
The time base of the frequency counter is derived from an external crystal oscillator by
4000000
Tcounter =
Fosc
where fosc is the frequency of the crystal oscillator. Thus, the counter has a 1 second time
base when a 4MHz oscillator is used. The frequency counter can select the proper range
automatically or manually. Auto-range operation extends over five decades, from 2KHz
to 20MHz The following table summarizes the full scale range of the frequency counter.
Range
Full Scale
FR1
2.000KHz
FR2
20.00KHz
FR3
200.0KHz
FR4
2.000MHz
FR5
20.00MHz
1.8 Auto power off
ES51982 has a default auto power off function. If the meter idles for more than 10
minutes, the chip automatically turns the power off. When this happens, the state of the
meter is saved. In order to disable auto power off function, power on the meter when
any of the push function, except for HOLD, is pressed down. In addition, when RS232
output is active, the auto power-off function is also disabled. The APO sign on the LCD
panel indicates whether the auto power-off is enabled or not.
Note: Powering on the meter while pressing HOLD turns on all LCD segment until
HOLD is pressed again.
1.9 Sleep
The meter enters sleep mode after auto power off. The SLEEP pin asserts low (-3V) in
the sleep mode, and asserts high (+3V, not 0V) after re-power on.
1.10 Re-power on
After auto power-off, pushing any of the push function or changing the rotary mode can
turn on the meter again. If the meter is re-powered on by changing the rotary mode, the
saved state is cleared. If the meter is re-powered on by push functions, the chip restores
the saved state and enters HOLD mode. The LCD displays the saved value.


Similar Part No. - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com